Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD640G83UI Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # PD640G83UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G83UI Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button PD640G83UI Datasheet HTML 14Page - Advanced Micro Devices PD640G83UI Datasheet HTML 15Page - Advanced Micro Devices PD640G83UI Datasheet HTML 16Page - Advanced Micro Devices PD640G83UI Datasheet HTML 17Page - Advanced Micro Devices PD640G83UI Datasheet HTML 18Page - Advanced Micro Devices PD640G83UI Datasheet HTML 19Page - Advanced Micro Devices PD640G83UI Datasheet HTML 20Page - Advanced Micro Devices PD640G83UI Datasheet HTML 21Page - Advanced Micro Devices PD640G83UI Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
16
Am29PDL640G
December 13, 2005
D A TA SH EE T
Table 7.
Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences.
Table 8.
Am29PDL640G Boot Sector/Sector Block
Addresses for Protection/Unprotection
Description
CE#
OE#
WE#
A21
to
A12
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15
to DQ0
Manufacturer ID:
AMD
LL
H
X
X
V
ID
X
X
L
X
L
L
L
L
0001h
Read
Cycle 1
LL
H
X
X
V
ID
X
LLL
L
L
L
H
227Eh
Read
Cycle 2
H
H
H
L
2215h
Read
Cycle 3
H
H
H
H
2201h
Sector Protection
Verification
LL
H
SA
X
V
ID
X
L
LH
HL
HL
0001h (protected),
0000h (unprotected)
SecSi Indicator Bit
(DQ7)
LL
H
X
X
V
ID
XX
L
X
L
L
H
H
0080h
(factory locked),
0000h (not factory
locked)
Sector
A21–A12
Sector/
Sector Block Size
SA0
0000000000
4 Kwords
SA1
0000000001
4 Kwords
SA2
0000000010
4 Kwords
SA3
0000000011
4 Kwords
SA4
0000000100
4 Kwords
SA5
0000000101
4 Kwords
SA6
0000000110
4 Kwords
SA7
0000000111
4 Kwords
SA8–SA10
0000001XXX,
0000010XXX,
0000011XXX
96 (3x32) Kwords
SA11–SA14
00001XXXXX
128 (4x32) Kwords
SA15–SA18
00010XXXXX
128 (4x32) Kwords
SA19–SA22
00011XXXXX
128 (4x32) Kwords
SA23–SA26
00100XXXXX
128 (4x32) Kwords
SA27-SA30
00101XXXXX
128 (4x32) Kwords
SA31-SA34
00110XXXXX
128 (4x32) Kwords
SA35-SA38
00111XXXXX
128 (4x32) Kwords
SA39-SA42
01000XXXXX
128 (4x32) Kwords
SA43-SA46
01001XXXXX
128 (4x32) Kwords
SA47-SA50
01010XXXXX
128 (4x32) Kwords
SA51-SA54
01011XXXXX
128 (4x32) Kwords
SA55–SA58
01100XXXXX
128 (4x32) Kwords
SA59–SA62
01101XXXXX
128 (4x32) Kwords
SA63–SA66
01110XXXXX
128 (4x32) Kwords
SA67–SA70
01111XXXXX
128 (4x32) Kwords
SA71–SA74
10000XXXXX
128 (4x32) Kwords
SA75–SA78
10001XXXXX
128 (4x32) Kwords
SA79–SA82
10010XXXXX
128 (4x32) Kwords
SA83–SA86
10011XXXXX
128 (4x32) Kwords
SA87–SA90
10100XXXXX
128 (4x32) Kwords
SA91–SA94
10101XXXXX
128 (4x32) Kwords
SA95–SA98
10110XXXXX
128 (4x32) Kwords
SA99–SA102
10111XXXXX
128 (4x32) Kwords
SA103–SA106
11000XXXXX
128 (4x32) Kwords
SA107–SA110
11001XXXXX
128 (4x32) Kwords
SA111–SA114
11010XXXXX
128 (4x32) Kwords
SA115–SA118
11011XXXXX
128 (4x32) Kwords
SA119–SA122
11100XXXXX
128 (4x32) Kwords
SA123–SA126
11101XXXXX
128 (4x32) Kwords
SA127–SA130
11110XXXXX
128 (4x32) Kwords
SA131–SA133
1111100XXX,
1111101XXX,
1111110XXX
96 (3x32) Kwords
SA134
1111111000
4 Kwords
SA135
1111111001
4 Kwords
SA136
1111111010
4 Kwords
SA137
1111111011
4 Kwords
SA138
1111111100
4 Kwords
SA139
1111111101
4 Kwords
SA140
1111111101
4 Kwords
SA141
1111111111
4 Kwords
Sector
A21–A12
Sector/
Sector Block Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com