Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD640G83UI Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # PD640G83UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G83UI Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button PD640G83UI Datasheet HTML 19Page - Advanced Micro Devices PD640G83UI Datasheet HTML 20Page - Advanced Micro Devices PD640G83UI Datasheet HTML 21Page - Advanced Micro Devices PD640G83UI Datasheet HTML 22Page - Advanced Micro Devices PD640G83UI Datasheet HTML 23Page - Advanced Micro Devices PD640G83UI Datasheet HTML 24Page - Advanced Micro Devices PD640G83UI Datasheet HTML 25Page - Advanced Micro Devices PD640G83UI Datasheet HTML 26Page - Advanced Micro Devices PD640G83UI Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
December 13, 2005
Am29PDL640G
21
D A TA SH EE T
Note:These algorithms are valid only in Persistent Sector Protection Mode. They are not valid in Password Protection Mode.
Figure 1.
In-System Sector Protection/
Sector Unprotection Algorithms
Sector Protect:
Write 60h to sector
address with
A6-A0 =
0111010
Set up sector
address
Wait 100 µs
Verify Sector
Protect: Write 40h
to sector address
with A6-A0 =
0000010
Read from
sector address
with A6-A0 =
0000010
START
PLSCNT = 1
RESET# = VID
Wait 4
μs
First Write
Cycle = 60h?
Data = 01h?
Remove VID
from RESET#
Write reset
command
Sector Protect
complete
Yes
Yes
No
PLSCNT
= 25?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Unprotect Mode
No
Sector Unprotect:
Write 60h to sector
address with
A6-A0 =
1111010
Set up first sector
address
Wait 1.2 ms
Verify Sector
Unprotect: Write
40h to sector
address with
A6-A0 =
0000010
Read from
sector address
with A6-A0 =
0000010
START
PLSCNT = 1
RESET# = VID
Wait 4
μs
Data = 00h?
Last sector
verified?
Remove VID
from RESET#
Write reset
command
Sector Unprotect
complete
Yes
No
PLSCNT
= 1000?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Unprotect Mode
No
All sectors
protected?
Yes
Protect all sectors:
The indicated portion
of the sector protect
algorithm must be
performed for all
unprotected sectors
prior to issuing the
first sector
unprotect address
Set up
next sector
address
No
Yes
No
Yes
No
No
Yes
No
Sector Protect
Algorithm
Sector Unprotect
Algorithm
First Write
Cycle = 60h?
Protect another
sector?
Reset
PLSCNT = 1
Remove VID
from RESET#
Write reset
command
Sector Protect
complete
Remove VID
from RESET#
Write reset
command
Sector Unprotect
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com