Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2821 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2821
Description  Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2821 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2821 Datasheet HTML 1Page - NXP Semiconductors MB2821 Datasheet HTML 2Page - NXP Semiconductors MB2821 Datasheet HTML 3Page - NXP Semiconductors MB2821 Datasheet HTML 4Page - NXP Semiconductors MB2821 Datasheet HTML 5Page - NXP Semiconductors MB2821 Datasheet HTML 6Page - NXP Semiconductors MB2821 Datasheet HTML 7Page - NXP Semiconductors MB2821 Datasheet HTML 8Page - NXP Semiconductors MB2821 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2821
Dual 10-bit D-type flip-flop;
positive-edge trigger (3-State)
1
August 24, 1993
853-1670 10620
FEATURES
20-bit positive-edge triggered register
Multiple VCC and GND pins minimize
switching noise
Live insertion/extraction permitted
Power-up reset
Power-up 3-State
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
ESD protection exceeds 2000V per MIL
STD 883 Method 3015 and 200V per
Machine Model
DESCRIPTION
The MB2821 high-performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The MB2821 has two 10-bit, edge triggered
registers, with each register coupled to ten
3-State output buffers. The two sections of
each register are controlled independently by
the clock (nCP) and Output Enable (nOE)
control gates.
Each register is fully edge triggered. The
state of each D input, one set-up time before
the Low-to-High clock transition, is
transferred to the corresponding flip-flop’s Q
output.
The 3-State output buffers are designed to
drive heavily loaded 3-State buses, MOS
memories, or MOS microprocessors.
The active Low Output Enable (nOE) controls
all ten 3-State buffers independent of the
register operation. When nOE is Low, the
data in the register appears at the outputs.
When nOE is High, the outputs are in high
impedance “off” state, which means they will
neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF; VCC = 5V
4.6
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
120
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic Quad Flat Pack
-40
°C to +85°C
MB2821BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
19
22
20
23
17
16
25
26
24
15
14
21
18
188
2Q1
1Q9
2Q2
GND
1Q6
2Q4
2Q5
2Q3
1Q5
2Q0
1Q7
1Q4
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1D9
2D2
2D0
GND
1D7
1D6
2D4
2D5
2D3
1D5
2D1
1D8
1D4
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2821
52–pin PQFP
45
44
42
41
39
38
37
36
1D0 1D1 1D2 1D3 1D4 1D5 1D6
1D7
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6
1Q7
48
49
50
51
1
2
3
5
46
47
1CP
1OE
35
34
1D8
1D9
1Q8
1Q9
6
7
33
32
31
29
28
27
25
24
2D0 2D1 2D2 2D3 2D4 2D5 2D6
2D7
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6
2Q7
8
9
10
11
12
13
15
16
21
20
2CP
2OE
23
22
2D8
2D9
2Q8
2Q9
18
19


Similar Part No. - MB2821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
MB2823BB PHILIPS-MB2823BB Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
MB2827BB PHILIPS-MB2827BB Datasheet
94Kb / 8P
Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
More results

Similar Description - MB2821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
MB2374 PHILIPS-MB2374 Datasheet
80Kb / 12P
Dual octal D-type flip-flop; positive-edge trigger (3-State)
August 23, 1993
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com