Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M500000013 Datasheet(PDF) 61 Page - SPANSION

Part # M500000013
Description  64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M500000013 Datasheet(HTML) 61 Page - SPANSION

Back Button M500000013 Datasheet HTML 57Page - SPANSION M500000013 Datasheet HTML 58Page - SPANSION M500000013 Datasheet HTML 59Page - SPANSION M500000013 Datasheet HTML 60Page - SPANSION M500000013 Datasheet HTML 61Page - SPANSION M500000013 Datasheet HTML 62Page - SPANSION M500000013 Datasheet HTML 63Page - SPANSION M500000013 Datasheet HTML 64Page - SPANSION M500000013 Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
60
Am50DL9608G
May 19, 2003
P R E L I M I NARY
PSEUDO SRAM AC CHARACTERISTICS
Power Up Time
When powering up the SRAM, maintain V
CCs for 100 µs minimum with CE#1s at VIH.
Read Cycle
Notes:
1. CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
2. Do not access device with cycle timing shorter than t
RC for continuous periods < 10 µs.
Figure 28.
Pseudo SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
Speed
Unit
55
70
t
RC
Read Cycle Time
Min
55
70
ns
t
AA
Address Access Time
Max
55
70
ns
t
CO1, tCO2
Chip Enable to Output
Max
55
70
ns
t
OE
Output Enable Access Time
Max
30
35
ns
t
BA
LB#s, UB#s to Access Time
Max
55
70
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z
Output
Min
5
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
Min
5
ns
t
OLZ
Output Enable to Low-Z Output
Min
5
ns
t
HZ1, tHZ2
Chip Disable to High-Z Output
Max
20
25
ns
t
BHZ
UB#s, LB#s Disable to High-Z Output
Max
20
25
ns
t
OHZ
Output Disable to High-Z Output
Max
20
25
ns
t
OH
Output Data Hold from Address Change
Min
10
ns
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com