Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M500000013 Datasheet(PDF) 10 Page - SPANSION

Part # M500000013
Description  64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M500000013 Datasheet(HTML) 10 Page - SPANSION

Back Button M500000013 Datasheet HTML 6Page - SPANSION M500000013 Datasheet HTML 7Page - SPANSION M500000013 Datasheet HTML 8Page - SPANSION M500000013 Datasheet HTML 9Page - SPANSION M500000013 Datasheet HTML 10Page - SPANSION M500000013 Datasheet HTML 11Page - SPANSION M500000013 Datasheet HTML 12Page - SPANSION M500000013 Datasheet HTML 13Page - SPANSION M500000013 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
May 19, 2003
Am50DL9608G
9
P R E L I M I NARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
MCP DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Tables 1-2 lists the device bus operations, the
inputs and control levels they require, and the result-
ing output. The following subsections describe each of
these operations in further detail.
Am50DL960
8
G
T
75
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
75
=
70 ns Flash + 55 ns pSRAM
70
=
70 ns Flash + 70 ns pSRAM (See page 5)
BOOT SECTOR ARCHITECTURE
T
=
Top Boot of Am29DL320G Flash
B
=
Bottom Boot of Am29DL320G Flash
PROCESS TECHNOLOGY
G
=
0.17 µm
PSEUDO SRAM DEVICE DENSITY
8=
8 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am50DL9608G
Stacked Multi-Chip Package (MCP) Flash Memory and Pseudo SRAM
Am29DL640G 64 Megabit (8/4 M x 16-Bit) and
Am29DL320G 32 Megabit (4/2 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
and 8 Mbit (152 K x 16-Bit) Pseudo Static RAM
Valid Combinations
Order Number
Package Marking
Am50DL9608GT70I
Am50DL9608GB70I
T, S
M500000010
M500000011
Am50DL9608GT75I
Am50DL9608GB75I
T, S
M500000012
M500000013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com