Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2841 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2841
Description  Dual 10-bit bus interface latch 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2841 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2841 Datasheet HTML 1Page - NXP Semiconductors MB2841 Datasheet HTML 2Page - NXP Semiconductors MB2841 Datasheet HTML 3Page - NXP Semiconductors MB2841 Datasheet HTML 4Page - NXP Semiconductors MB2841 Datasheet HTML 5Page - NXP Semiconductors MB2841 Datasheet HTML 6Page - NXP Semiconductors MB2841 Datasheet HTML 7Page - NXP Semiconductors MB2841 Datasheet HTML 8Page - NXP Semiconductors MB2841 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2841
Dual 10-bit bus interface latch (3-State)
1
August 24, 1993
853-1668 10619
FEATURES
• High speed parallel latches
• Live insertion/extraction permitted
• Extra data width for wide address/data
paths or buses carrying parity
• Power-up 3-State
• Power-up reset
• Ideal where high speed, light loading, or
increased fan-in are required with MOS
microprocessors
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL
STD 883 Method 3015 and 200V per
Machine Model
DESCRIPTION
The MB2841 Bus interface register is
designed to provide extra data width for wider
data/address paths of buses carrying parity.
The MB2841 consists of two sets of ten
D-type latches with 3-State outputs. The
flip-flops appear transparent to the data when
Latch Enable (nLE) is High. This allows
asynchronous operation, as the output
transition follows the data in transition. On the
nLE High-to-Low transition, the data that
meets the setup and hold time is latched.
Data appears on the bus when the Output
Enable (nOE) is Low. When nOE is High the
output is in the High-impedance state.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nDx to nQx
CL = 50pF; VCC = 5V
3.5
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
120
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin Plastic Quad Flat Pack (PQFP)
-40
°C to +85°C
MB2841BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
5
19
22
20
23
17
16
25
26
24
15
14
21
18
1Q8
2Q1
1Q9
2Q2
GND
1Q6
2Q4
2Q5
2Q3
1Q5
2Q0
1Q7
1Q4
1
2
3
4
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1D9
2D2
2D0
GND
1D7
1D6
2D4
2D5
2D3
1D5
2D1
1D8
1D4
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2841
52-pin PQFP
45
44
42
41
39
38
37
36
1D0 1D1 1D2 1D3 1D4 1D5 1D6
1D7
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6
1Q7
48
49
50
51
1
2
3
5
46
47
1LE
1OE
35
34
1D8
1D9
1Q8
1Q9
6
7
33
32
31
29
28
27
25
24
2D0 2D1 2D2 2D3 2D4 2D5 2D6
2D7
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6
2Q7
8
9
10
11
12
13
15
16
21
20
2LE
2OE
23
22
2D8
2D9
2Q8
2Q9
18
19


Similar Part No. - MB2841

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB28 PANJIT-MB28 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB28 ZSELEC-MB28 Datasheet
112Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SL Power Electronics
MB28-1-A SLPOWER-MB28-1-A Datasheet
374Kb / 7P
DC Power Supplies
MB28-1-A SLPOWER-MB28-1-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Murata Manufacturing Co...
MB28101BAN MURATA-MB28101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB2841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
18-bit bus-interface D-type latch 3-State
1998 Aug 04
logo
Texas Instruments
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Texas Instruments
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com