Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 21Page - SMSC Corporation USB3300 Datasheet HTML 22Page - SMSC Corporation USB3300 Datasheet HTML 23Page - SMSC Corporation USB3300 Datasheet HTML 24Page - SMSC Corporation USB3300 Datasheet HTML 25Page - SMSC Corporation USB3300 Datasheet HTML 26Page - SMSC Corporation USB3300 Datasheet HTML 27Page - SMSC Corporation USB3300 Datasheet HTML 28Page - SMSC Corporation USB3300 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
25
Revision 1.06 (07-19-06)
DATASHEET
6.1.4.6
Interface Control: Address = 07-09h (read), 07h (write), 08h (set), 09h (clear)
6.1.4.7
OTG Control: Address = 0A-0Ch (read), 0Ah (write), 0Bh (set), 0Ch (clear)
FIELD NAME
BIT
DEFAULT
DESCRIPTION
6-pin FsLsSerialMode
0
0b
Changes the ULPI interface to a 6-pin Serial Mode. The PHY will
automatically clear this bit when exiting serial mode.
3-pin FsLsSerialMode
1
0b
Changes the ULPI interface to a 3-pin Serial Mode. The PHY will
automatically clear this bit when exiting serial mode.
Reserved
2
0b
Driven low.
ClockSuspendM
3
0b
Enables Link to turn on 60MHz CLKOUT in serial mode.
0b: Disable clock in serial mode.
1b: Enable clock in serial mode.
AutoResume
4
0b
Only applicable in Host mode. Enables the PHY to automatically
transmit resume signaling. This function is detailed in
Section 6.1.7.4.
IndicatorComplement
5
0b
Inverts the EXTVBUS signal. This function is detailed in
Section 6.5.4.
IndicatorPassThru
6
0b
Disables anding the internal VBUS comparator with the
EXTVBUS input when asserted. This function is detailed in
Section 6.5.4.
InterfaceProtectDisable
7
0b
Used to disable the integrated STP pull-up resistor used for
interface protection. This function is detailed in Section 6.1.9.3.
FIELD NAME
BIT
DEFAULT
DESCRIPTION
IdPullup
0
0b
Connects a pull-up resistor from the ID pin to VDD3.3
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor
DpPulldown
1
1b
Enables the 15k Ohm pull-down resistor on DP.
0b: Pull-down resistor not connected to DP
1b: Pull-down resistor connected to DP
DmPulldown
2
1b
Enables the 15k Ohm pull-down resistor on DM.
0b: Pull-down resistor not connected to DM
1b: Pull-down resistor connected to DM
DischrgVbus
3
0b
This bit is only used during SRP. Connects a resistor from VBUS
to ground to discharge VBUS.
0b: disconnect resistor from VBUS to ground
1b: connect resistor from VBUS to ground
ChrgVbus
4
0b
This bit is only used during SRP. Connects a resistor from VBUS
to VDD3.3 to charge VBUS above the SessValid threshold.
0b: disconnect resistor from VBUS to VDD3.3
1b: connect resistor from VBUS to VDD3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com