Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3500 Datasheet(PDF) 28 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 24Page - SMSC Corporation USB3500 Datasheet HTML 25Page - SMSC Corporation USB3500 Datasheet HTML 26Page - SMSC Corporation USB3500 Datasheet HTML 27Page - SMSC Corporation USB3500 Datasheet HTML 28Page - SMSC Corporation USB3500 Datasheet HTML 29Page - SMSC Corporation USB3500 Datasheet HTML 30Page - SMSC Corporation USB3500 Datasheet HTML 31Page - SMSC Corporation USB3500 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
Revision 1.0 (04-04-05)
28
SMSC USB3500
DATASHEET
6.7
USB On-The-Go (OTG) Module
The USB3500 provides support for USB OTG. This mode allows the USB3500 to be dynamically
configured as a host or a device depending on the type of cable inserted into the Mini-AB connector.
When the Mini-A plug of a cable is inserted into the Mini-AB connector the USB device becomes the
A-device. When a Mini-B plug is inserted the device becomes the B-device. The OTG A-device
behaves similar to a Host while the B-device behaves similar to a peripheral. The differences are
covered in the OTG supplement.
The OTG Module meets all the requirements in the “On-The-Go Supplement to the USB2.0
Specification”. In applications where only Host or Device is required, the OTG Module is unused.
The OTG Module can be broken into 4 main blocks; ID Detection, VBUS Control, Driving External
VBUS, and External VBUS Detection. Each of these blocks is covered in the sections below.
Figure 6.8 USB3500 On-the-Go Module
OTG Module
VBUS
ID
VDD33
VBUSVLD
SESSVLD
SESSEND
IDPULLUP
DISCHRGVBUS
ID_DIG
CHRGVBUS
0.5V
1.4V
4.575V
0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com