Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3500 Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 25Page - SMSC Corporation USB3500 Datasheet HTML 26Page - SMSC Corporation USB3500 Datasheet HTML 27Page - SMSC Corporation USB3500 Datasheet HTML 28Page - SMSC Corporation USB3500 Datasheet HTML 29Page - SMSC Corporation USB3500 Datasheet HTML 30Page - SMSC Corporation USB3500 Datasheet HTML 31Page - SMSC Corporation USB3500 Datasheet HTML 32Page - SMSC Corporation USB3500 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
SMSC USB3500
29
Revision 1.0 (04-04-05)
DATASHEET
6.7.1
ID Detection
The USB3500 provides an ID pin to determine the type of USB cable connected. When the Mini-A
Plug of a USB cable is inserted into the Mini-AB connector, the ID pin is shorted to ground. When the
Mini-B Plug is inserted into the Mini-AB connector, the ID pin is allowed to float.
The USB3500 provides an integrated pull-up resistor to pull the ID pin to VDD3.3 when a Mini-B plug
is inserted and the cable is floating. When a Mini-A plug is connected, the pull-up resistor will be
overpowered and the ID pin will be brought to ground. To save current when a Mini-A Plug is inserted,
the ID pull-up resistor can be disabled by clearing the IDPULLUP pin. To prevent the ID pin from
floating to a random value, a weak pull-up resistor is provided at all times. The circuits related to the
ID comparator are shown in Figure 6.8 and their related parameters are shown in Table 5.7.
6.7.2
VBUS Control
The USB3500 includes all of the Vbus comparators required for OTG. The VbusVld, SessVld, and
SessEnd comparators are fully integrated into the USB3500. These comparators are used to ensure
the Vbus voltage is the correct value for proper USB operation.
The VbusVld comparator is used by the Link, when configured as an A device, to ensure that the Vbus
voltage on the cable is valid. The SessVld comparator is used by the Link when configured as either
an A or B device to indicate a session is requested or valid. Finally the SessEnd comparator is used
by the B-device to indicate a USB session has ended.
Also included in the VBUS Control block are the resistors used for VBUS pulsing in SRP. The resistors
used for VBUS pulsing include a pull-down to ground and a pull-up to VDD3.3.
6.7.2.1
SessEnd Comparator
The SessEnd comparator is designed to trip when Vbus is less than 0.5 volts. When Vbus goes below
0.5 volts, the session is considered to be ended and SessEnd will transition from 0 to 1. The SessEnd
comparator is disabled when the Suspendn = 0. When disabled, the SessEnd output is 0. The
SessEnd comparator trip points are detailed in Table 5.7.
6.7.2.2
SessVld Comparator
The SessVld comparator is used when the PHY is configured as either an A or B device. When
configured as an A device, the SessVld is used to detect Session Request protocol (SRP). When
configured as a B device, SessVld is used to detect the presence of Vbus. The SessVld comparator
is not disabled with Suspendn and its output will always reflect the state of VBUS. The SessVld
comparator trip point is detailed in Table 5.7.
Note: The OTG Supplement specifies a voltage range for A-Device Session Valid and B-Device
Session Valid comparator. The USB3500 PHY combines the two comparators into one and
uses the narrower threshold range.
6.7.2.3
VbusVld Comparator
The final Vbus comparator is the VbusVld comparator. This comparator is only used when configured
as an A-device. In the OTG protocol the A-device is responsible to ensure that the VBUS voltage is
within a certain range. The VbusVld comparator is disabled when Suspendn = 0. When disabled the
VbusVld will read 0. The VbusVld comparator trip points are detailed in Table 5.7.
Table 6.2 IdGnd vs. USB Cable Type
USB PLUG
OTG ROLE
ID VOLTAGE
IDGND
AHOST
0
0
B
PERIPHERAL
3.3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com