Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDD160GT2DPBE Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBE
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBE Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBE Datasheet HTML 30Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 31Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 32Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 33Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 34Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 35Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 36Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 37Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
32
Am29BDD160G
June 7, 2006
Table 16.
CFI Device Geometry Definition
Addresses
(x32 Mode)
Addresses
(x16 Mode)
Data
Description
27h
4Eh
0015h
Device Size = 2
N byte
28h
29h
50h
52h
0005h
0000h
Flash Device Interface description (for complete description, please refer
to CFI publication 100)
0000 = x8-only asynchronous interface
0001 = x16-only asynchronous interface
0002 = supports x8 and x16 via BYTE# with asynchronous interface
0003 = x 32-only asynchronous interface
0005 = supports x16 and x32 via WORD# with asynchronous interface
2Ah
2Bh
54h
56h
0000h
0000h
Max. number of byte in multi-byte program = 2
N
(00h = not supported)
2Ch
58h
0003h
0004h
Number of Erase Block Regions within device
0003 = Speed options 54D, 65D, 65A
2Dh
2Eh
2Fh
30h
5Ah
5Ch
5Eh
60h
0007h
0000h
0020h
0000h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
62h
64h
66h
68h
001Dh
0000h
0000h
0001h
Erase Block Region 2 Information
(refer to the CFI specification or CFI publication 100)
35h
36h
37h
38h
6Ah
6Ch
6Eh
70h
0007h
0000h
0020h
0000h
Erase Block Region 3 Information
(refer to the CFI specification or CFI publication 100)
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
(refer to the CFI specification or CFI publication 100)
Table 17.
CFI Primary Vendor-Specific Extended Query
Addresses
(x32 Mode)
Addresses
(x16 Mode)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII (reflects modifications to the silicon)
44h
88h0033hMinor version number, ASCII (reflects modifications to the CFI table)
45h
8Ah
0004h
Address Sensitive Unlock (DQ1, DQ0)
00 = Required, 01 = Not Required
Silicon Revision Number (DQ5–DQ2
0000 = CS49
0001 = CS59
0010 = CS99
0011 = CS69
0100 = CS119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com