Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDD160GT2DPBE Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBE
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBE Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBE Datasheet HTML 45Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 46Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 47Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 48Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 49Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 50Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 51Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 52Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
June 7, 2006
Am29BDD160G
47
Table 21.
Memory Array Command Definitions (x16 Mode)
Legend:
BA = Address of the bank that is being switched to autoselect mode,
is in bypass mode, or is being erased. Determined by A18 and A17,
see Tables 11 and 12 for more detail.
PA = Program Address (A18:A-1). Addresses latch on the falling edge
of the WE# or CE# pulse, whichever happens later.
PD = Program Data (DQ15:DQ0) written to location PA. Data latches
on the rising edge of WE# or CE# pulse, whichever happens first.
RA = Read Address (A18:A-1).
RD = Read Data (DQ15:DQ0) from location RA.
SA = Sector Address (A18:A11) for verifying (in autoselect mode),
erasing, or applying security commands.
WD = Write Data. See “Configuration Register” definition for specific
write data. Data latched on rising edge of WE#.
X = Don’t care
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Shaded cells in table denote read cycles. All other cycles are
write operations.
4.
During unlock cycles, (lower address bits are AAA or 555h as
shown in table) address bits higher than A11 (except where BA is
required) and data bits higher than DQ7 are don’t cares.
5.
No unlock or command cycles required when bank is reading
array data.
6.
The Reset command is required to return to the read mode (or to
the erase-suspend-read mode if previously in Erase Suspend)
when a bank is in the autoselect mode, or if DQ5 goes high (while
the bank is providing status information).
7.
The fourth cycle of the autoselect command sequence is a read
cycle. The system must provide the bank address to obtain the
manufacturer ID or device ID information. See the Autoselect
Command section for more information.
8.
This command cannot be executed until The Unlock Bypass
command must be executed before writing this command
sequence. The Unlock Bypass Reset command must be
executed to return to normal operation.
9.
This command is ignored during any embedded program, erase
or suspended operation.
10. Valid read operations include asynchronous and burst read mode
operations.
11. The device ID must be read across the fourth, fifth, and sixth
cycles. 00h in the sixth cycle indicates top boot block, 01h
indicates bottom boot block.
12. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Program/Erase Suspend
mode. The Program/Erase Suspend command is valid only
during a sector erase operation, and requires the bank address.
13. The Program/Erase Resume command is valid only during the
Erase Suspend mode, and requires the bank address.
14. Command is valid when device is ready to read array data or
when device is in autoselect mode.
15. Asynchronous read operations.
16. ACC must be at V
ID during the entire operation of this command.
17. Command is ignored during any Embedded Program, Embedded
Erase, or Suspend operation.
18. The Unlock Bypass Entry command is required prior to any
Unlock Bypass operation. The Unlock Bypass Reset command is
required to return to the read mode.
Command (Notes)
Bus Cycles (Notes 1–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (5)
1
RA
RD
Reset (6)
1
XXX
F0
Autoselect
(7)
Manufacturer ID
4
AAA
AA
555
55
AAA
90
(BA)X00
01
Device ID (11)
6
AAA
AA
555
55
AAA
90
(BA)X02
7E
(BA)X1C
08
(BA)X1E
00/01
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
555
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Program/Erase Suspend (12)
1
BA
B0
Program/Erase Resume (13)1
BA
30
CFI Query (14, 15)
1
AA
98
Accelerated Program (16)
2
XX
A0
PA
PD
Configuration Register Verify (15)
3
AAA
AA
555
55
(BA)555
C6
(BA)XX
RD
Configuration Register Write (17)
4
AAA
AA
555
55
AAA
D0
XX
WD
Unlock Bypass Entry (18)
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program (18)
2
XX
A0
PA
PD
Unlock Bypass Erase (18)2
XX
80XX10
Unlock Bypass CFI (14, 18)1
XX
98
Unlock Bypass Reset (18)2
XX
90XX00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com