Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03-ACZL Datasheet(PDF) 14 Page - SMSC Corporation

Part # EMCT03-ACZL
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZL Datasheet(HTML) 14 Page - SMSC Corporation

Back Button EMCT03-ACZL Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 9Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 10Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 11Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 12Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 13Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 14Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 15Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
Revision 2.3 (04-19-05)
14
SMSC EMCT03
DATASHEET
Figure 4.1 Routing the Diode Traces
4.1.1.2
Bypass Capacitors
Accurate temperature measurements require a clean, stable power supply. Locate a 0.1µF capacitor
as close as possible to the power pin with a good ground. A low ESR capacitor (such as a 10µF
ceramic) should be placed across the power source. Add additional power supply filtering in systems
that have a noisy power supply.
A capacitor may be placed across the DP/DN pair at the remote sensor in noisy environments. Do not
exceed a value of 100 pF if this capacitor is installed.
4.1.1.3
Manufacturing
Circuit board assembly processes may leave a residue on the board. This residue can result in
unexpected leakage currents that may introduce errors if the circuit board is not clean. For example,
processes that use water-soluble soldering fluxes have been known to cause problems if the board is
not kept clean.
4.1.1.4
Thermal Considerations
Keep the sensor in good thermal contact with the component to be measured. The temperature of the
leads of a discrete diode will greatly impact the temperature of the diode junction. Make use of the
printed circuit board to disperse any self-heating that may occur.
4.1.1.5
Remote Sensors Connected by Cables
When connecting remote diodes with a cable (instead of traces on the PCB) use shielded twisted pair
cable. The shield should be attached to ground near the EMCT03, and should be left unconnected at
the sensor end. Belden 8451 cable is a good choice for this application.
4.1.2
Sensor Characteristics
The characteristics of the diode junction used for temperature sensing will affect the accuracy of the
measurement.
4.1.2.1
Selecting a Sensor
A diode connected small signal transistor is recommended. Silicon diodes are not a good choice for
remote sensors. Small signal transistors such as the 2N3904 or the 2N3906 are recommended.
Desired characteristics for the sensor include the following:
1. Constant value of hFE in the range of 7.5 to 130 microamps. Variation in hFE from one device to
another or one manufacturer to another cancels out of the temperature equations.
COPPER TRACE
COPPER TRACE
.01 WIDE MIN.
.01 GAP MIN.
.01 WIDE MIN.
GND PLANE
.01 GAP MIN.
GND PLANE
.01 GAP MIN.
COPPER PLANE (TO SHIELD FROM NOISE)
BOARD MATERIAL
RECOMMEND VIA STICTCHING AT .25 INCH INTERVALS.
DP or DN
DP or DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com