Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03-ACZL Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMCT03-ACZL
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZL Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMCT03-ACZL Datasheet HTML 4Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 5Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 6Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 7Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 9Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 10Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 11Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
Revision 2.3 (04-19-05)
8
SMSC EMCT03
DATASHEET
3.2.1
Write Byte
The write Byte is used to write one byte of data to the registers as shown in Table 3.1 below:
3.2.2
Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 3.2
below:
3.2.3
SMBus Address
Attempting to communicate with the EMCT03 SMBus interface with an invalid slave address or invalid
protocol, results in no response from the part and will not affect its register content. The EMCT03
supports stretching of the SMCLK signal by other devices on the SMBus but will not perform this
operation itself.
3.3
Register Allocation
The following registers are accessible through the SMBus:
Table 3.1 SMBus Write Byte Protocol
Start
Slave Address
WR
ACK
Register Address
ACK
Register Data
ACK
STOP
17
1
1
8
1
8
1
1
Table 3.2 SMBus Read Byte Protocol
Start
Slave Address
WR
ACK
Register Address
ACK
START
Slave Address
RD
ACK
Register Data
NACK
STOP
17
1
1
8
1
1
7
1
1
8
1
1
Table 3.3 SMBus Address
CONDITION
EMCT03 ADDRESS
EMCT03 Default Address
1001100xb
Table 3.4 Register Table
REGISTER
READ
ADDRESS
REGISTER
WRITE
ADDRESS
REGISTER NAME
DEFAULT
VALUE
00h
N/A
Legacy Format Internal Temperature High Byte
00h
23h
N/A
Legacy Format Internal Temperature Low Byte
00h
01h
N/A
Legacy Format Remote Temperature 1 High Byte
00h
10h
N/A
Legacy Format Remote Temperature 1 Low Byte
00h
F8h
N/A
Legacy Format Remote Temperature 2 High Byte
00h
F9h
N/A
Legacy Format Remote Temperature 2 Low Byte
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com