Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1012ACBZA Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP1012ACBZA
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012ACBZA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP1012ACBZA Datasheet HTML 2Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 3Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 4Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 5Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 6Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 7Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 8Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 9Page - Intersil Corporation HIP1012ACBZA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
The HIP1012A responds to a load short (defined as a current
level 3X the OC set point) immediately, driving the relevant
N-Channel MOSFET gate to 0V in less than 10
µs. The gate
voltage is then slowly ramped up turning on the N-Channel
MOSFET to the programmed current limit level; this is the
start of the time out period. The programmed current level is
held until either the OC event passes or the time out period
expires. If the former is the case then the N-Channel
MOSFET is fully enhanced and the CTIM charging current is
diverted away from the capacitor. If the time out period expires
prior to OC resolution then both gates are quickly pulled to 0V
turning off both N-Channel MOSFETs simultaneously.
Upon any UV condition the PGOOD signal will pull low when
tied high through a resistor to the logic supply. This pin is a
fault indicator but not the OC latch off indicator. For an OC
latch off indication, monitor CTIM, pin 10. This pin will rise
rapidly to 12V once the time out period expires. See Simplified
Block Diagram on page 2 for OC latch off circuit suggestion.
The HIP1012A is reset by a rising edge on either PWRON pin
and is turned on by either PWRON pin being driven low. The
HIP1012A can control either +12V/5V or +3.3V/+5V supplies.
Tying the PWRON1 pin to VDD, invokes the +3.3V/+5V
voltage mode. In this mode, the external charge pump
capacitor is not needed and Cpump, pin 11 is tied directly to
VDD.
HIP1012A Application Considerations
Current Regulation vs current trip often causes confusion
when using this and other ICs with a Current Regulation (CR)
feature. The CR level is the level at which the HIP1012 will
hold an overcurrent load for the programmed duration. This
level is programmable by the RLIM and RSENSE resistors
values. As the current being monitored by the HIP1012A
approaches a level >85% of the CR level the HIP1012A may
trip-off due to variances in manufacturing and the design of
the low gain high speed input comparators. In addition with
the high levels of inrush current e.g., highly capacitive loads
and motor startup currents, choosing the current limiting level
is crucial to provide both protection and still allow for this
inrush current without latching off. Consider this in addition to
the time out delay when choosing MOSFETs for your design.
To these ends it is suggested that CR levels be programmed
to 150% of nominal load.
When using the HIP1012A in the 12V and 5V mode
additional VDD decoupling may be necessary to prevent a
power on reset due to a sag on VDD pin upon an OC latch off.
The addition of a capacitor from VDD to GND may often be
adequate but a small value isolation resistor may also be
necessary (see the Simplified Block Diagram on page 2).
Current loop stabilization is facilitated through a small value
resistor in series with the gate timing capacitor. As the
HIP1012A drives a highly inductive current load, instability
characterized by the gate voltage repeatedly ramping up and
down may appear. A simple method to enhance stability is
provided by the substitution of a larger value gate resistor.
Typically this situation can be avoided by eliminating long
point to point wiring to the load.
Random resets occur if the HIP1012A sense pins are pulled
below ground when turning off a highly inductive load. Place a
large load capacitor (10-50
µF) on the output or ISEN
clamping diodes to ground to eliminate.
During the Time Out delay period with the HIP1012A in
current limit mode, the VGS of the external N-Channel
MOSFETs is reduced driving the N-Channel MOSFET switch
into a high rDS(ON) state. Thus avoid extended time out
periods as the external N-Channel MOSFETs may be
damaged or destroyed due to excessive internal power
dissipation. Refer to the MOSFET manufacturer’s data sheet
for SOA information.
External Pull Down resistors from the xISEN pins to ground
will prevent the voltage outputs from floating up due to
leakage current through the external switch FET body diode
when the FETs are disabled and the outputs are open.
Physical layout of Rsense resistors is critical to avoid the
possibility of false overcurrent occurrences. Ideally trace
routing between the Rsense resistors and the HIP1012A is
direct and as short as possible with zero current in the sense
lines as shown below.
TABLE 1.
RILIM RESISTOR
NOMINAL OC VTH
15k
Ω
150mV
10k
Ω
100mV
7.5k
Ω
75mV
4.99k
Ω
50mV
NOTE: Nominal OC Vth = Rilim x 10
µA.
TABLE 2.
CTIM CAPACITOR
NOMINAL TIME OUT PERIOD
0.022
µF4.4ms
0.047
µF9.4ms
0.1
µF
20ms
NOTE: Nominal time-out period in seconds = CTIM x 200kΩ.
CORRECT
TO ISEN AND
CURRENT
SENSE RESISTOR
INCORRECT
FIGURE 1. SENSE RESISTOR PCB LAYOUT
RISET
HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com