| Electronic Components Datasheet Search |
|
HIP1012ACBZA Datasheet(PDF) 1 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HIP1012ACBZA Datasheet(HTML) 1 Page - Intersil Corporation |
|
1 / 15 page ![]() 1 ® FN4419.6 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright © Intersil Americas Inc. 2004. All Rights Reserved All other trademarks mentioned are the property of their respective owners. HIP1012A Dual Power Distribution Controller The HIP1012A is a HOT SWAP dual supply power distribution controller. Two external N-Channel MOSFETs are driven to distribute power while providing load fault isolation. At turn-on, the gate of each external N-Channel MOSFET is charged with a 10 µA current source. Capacitors on each gate (see the Typical Application Diagram), create a programmable ramp (soft turn-on) to control inrush currents. A built in charge pump supplies the gate drive for the 12V supply N-Channel MOSFET switch. Overcurrent protection is facilitated by two external current sense resistors. When the current through either resistor exceeds the user programmed value the controller enters the current regulation mode. The time-out capacitor, CTIM, starts charging as the controller enters the time out period. Once CTIM charges to a 2V threshold, the N-Channel MOSFETs are latched off. In the event of a fault at least three times the current limit level, the N-Channel MOSFET gates are pulled low immediately before entering time out period. The controller is reset by a rising edge on either PWRON pin. Choosing the voltage selection mode the HIP1012 controls either +12V/5V or +3.3V/+5V supplies. Features • HOT SWAP Dual Power Distribution Control for +5V and +12V or +5V and +3.3V • Provides Fault Isolation • Programmable Current Regulation Level • Programmable Time Out • Charge Pump Allows the Use of N-Channel MOSFETs • Power Good and Overcurrent Latch Indicators • Enhanced Overcurrent Sensitivity Available • Redundant Power On Controls • Adjustable Turn-On Ramp • Protection During Turn-On • Two Levels of Current Limit Detection Provide Fast Response to Varying Fault Conditions • Less Than 1 µs Response Time to Dead Short •3 µs Response Time to 200% Current Overshoot • Pb-Free Package Option • Tape & Reel Packaging with ‘-T’ Part Number Suffix Applications • Redundant Array of Independent Disks (RAID) System • Power Distribution Control • Hot Plug, Hot Swap Components Ordering Information PART NUMBER TEMP. RANGE (°C) PACKAGE PKG. DWG. # HIP1012ACB -0 to 70 14 Ld SOIC M14.15 HIP1012ACBZA (Note) -0 to 70 14 Ld SOIC( Pb-free) M14.15 NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B. Pinout HIP1012A (SOIC) TOP VIEW Typical Application Diagram 8 9 10 11 12 14 13 7 6 5 4 3 2 1 3/12VS 3/12VG VDD PWRON2 5VG 5VS 3/12VISEN GND CPUMP CTIM RILIM PGOOD 5VISEN MODE/ PWRON1 12V RLOAD RILIM CTIM POWER ON INPUTS CPUMP RSENSE 5V RLOAD RSENSE 5V OR 3.3V OPTIONAL RFILTER CFILTER VDD RGATE CGATE CGATE RGATE 3/12VS 3/12VG M/PON1 PWRON2 PGOOD 5VG 5VS 3/12VISEN GND CTIM RILIM CPUMP 5ISEN VDD HIP1012A Data Sheet March 2004 |
Similar Part No. - HIP1012ACBZA |
|
Similar Description - HIP1012ACBZA |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |