Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F004B Datasheet(PDF) 30 Page - SPANSION

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F004B Datasheet(HTML) 30 Page - SPANSION

Back Button AM29F004B_06 Datasheet HTML 26Page - SPANSION AM29F004B_06 Datasheet HTML 27Page - SPANSION AM29F004B_06 Datasheet HTML 28Page - SPANSION AM29F004B_06 Datasheet HTML 29Page - SPANSION AM29F004B_06 Datasheet HTML 30Page - SPANSION AM29F004B_06 Datasheet HTML 31Page - SPANSION AM29F004B_06 Datasheet HTML 32Page - SPANSION AM29F004B_06 Datasheet HTML 33Page - SPANSION AM29F004B_06 Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
28
Am29F004B
Am29F004B_00_E4 May 9, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Figure 16.
Sector Unlock Sequence Timing Diagram
Figure 17.
Sector Relock Timing Diagram
Parameter
All Speed Options
JEDEC
Std.
Description
Unit
tVIDR
VID Rise and Fall Time (Not 100% tested)
Min
500
ns
OE#
A18 – A0
D7 – D0
CE#
WE#
AAh
555h
55h
2AAh
20h/24h
555h
tVIDR
If 20h is written, Sector Unprotect mode
is enabled. If 24h is written, command mode
Sector Protect/Unprotect is enabled.
Device is ready to read from array.
VID
VSS, VIL
or VIH
OE#
A18 – A0
D7 – D0
CE#
WE#
90h
XXXh
F0h or 00h
XXXh
tVIDR
VID
VSS, VIL
or VIH
tVIDR
0 V or 5 V
Device exits Temporary Sector Unprotect mode
or command mode Sector Protect/Unprotect.
Returns to reading array data.
Device is in either Temporary Sector Unprotect
mode or command mode Sector Protect/Unprotect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com