Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F004B Datasheet(PDF) 5 Page - SPANSION

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F004B Datasheet(HTML) 5 Page - SPANSION

  AM29F004B_06 Datasheet HTML 1Page - SPANSION AM29F004B_06 Datasheet HTML 2Page - SPANSION AM29F004B_06 Datasheet HTML 3Page - SPANSION AM29F004B_06 Datasheet HTML 4Page - SPANSION AM29F004B_06 Datasheet HTML 5Page - SPANSION AM29F004B_06 Datasheet HTML 6Page - SPANSION AM29F004B_06 Datasheet HTML 7Page - SPANSION AM29F004B_06 Datasheet HTML 8Page - SPANSION AM29F004B_06 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
May 9, 2006 Am29F004B_00_E4
Am29F004B
3
D A TA
SH EE T
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 8
Am29F004B Device Bus Operations ................................................8
Requirements for Reading Array Data ..................................... 8
Writing Commands/Command Sequences .............................. 8
Program and Erase Operation Status ...................................... 8
Standby Mode .......................................................................... 8
Output Disable Mode ................................................................ 9
Am29F004B Top Boot Block Sector Addresses ...............................9
Am29F004B Bottom Boot Block Sector Addresses ..........................9
Autoselect Mode ..................................................................... 10
Am29F004B Autoselect Codes (High Voltage Method) ..................10
Sector Protection/Unprotection ............................................... 10
In-System Sector Protect/Sector Unprotect Algorithms ..................11
Temporary Sector Unprotect .................................................. 12
Temporary Sector Unprotect Operation ..........................................12
Hardware Data Protection ...................................................... 13
Low VCC Write Inhibit ......................................................................13
Write Pulse Glitch Protection ..........................................................13
Logical Inhibit ..................................................................................13
Power-Up Write Inhibit ....................................................................13
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 13
Reading Array Data ................................................................ 13
Reset Command ..................................................................... 13
Autoselect Command Sequence ............................................ 13
Byte Program Command Sequence ....................................... 13
Program Operation ..........................................................................14
Chip Erase Command Sequence ........................................... 14
Sector Erase Command Sequence ........................................ 14
Erase Operation ..............................................................................15
Erase Suspend/Erase Resume Commands ........................... 15
Am29F004B Command Definitions .................................................16
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 17
DQ7: Data# Polling ................................................................. 17
Data# Polling Algorithm ...................................................................17
DQ6: Toggle Bit I .................................................................... 18
DQ2: Toggle Bit II ................................................................... 18
Reading Toggle Bits DQ6/DQ2 ............................................... 18
DQ5: Exceeded Timing Limits ................................................ 18
DQ3: Sector Erase Timer ....................................................... 18
Toggle Bit Algorithm ....................................................................... 19
Write Operation Status ................................................................... 19
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 20
Maximum Negative Overshoot Waveform ..................................... 20
Maximum Positive Overshoot Waveform ....................................... 20
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . 20
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 21
TTL/NMOS Compatible .......................................................... 21
CMOS Compatible .................................................................. 22
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Test Setup ...................................................................................... 23
Test Specifications ......................................................................... 23
Key to Switching Waveforms . . . . . . . . . . . . . . . 23
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 24
Read Operations .................................................................... 24
Read Operations Timings .............................................................. 24
Erase/Program Operations ..................................................... 25
Program Operation Timings ........................................................... 26
Chip/Sector Erase Operation Timings ............................................ 26
Data# Polling Timings (During Embedded Algorithms) .................. 27
Toggle Bit Timings (During Embedded Algorithms) ....................... 27
DQ2 vs. DQ6.................................................................................. 27
Sector Unlock Sequence Timing Diagram ..................................... 28
Sector Relock Timing Diagram ...................................................... 28
Sector Protect/Unprotect Timing Diagram ..................................... 29
Alternate CE# Controlled Erase/Program Operations ............ 30
Alternate CE# Controlled Write Operation Timings ........................ 31
Erase and Programming Performance . . . . . . . 32
Latchup Characteristics . . . . . . . . . . . . . . . . . . . 32
PLCC Pin Capacitance . . . . . . . . . . . . . . . . . . . . 32
Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 33
PL 032—32-Pin Plastic Leaded Chip Carrier ......................... 33
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com