Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUV-052S024ST Datasheet(PDF) 3 Page - Inventronics Inc.

Part # EUV-052S024ST
Description  52W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-052S024ST Datasheet(HTML) 3 Page - Inventronics Inc.

  EUV-052S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 7Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
3 / 8
52W Constant Voltage IP67 Driver
EUV-052SxxxST
Rev. K
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
MTBF
321,000
hours
-
-
Measured at 120Vac input, 80%Load
and 25
C ambient temperature (MIL-
HDBK-217F)
Lifetime
-
93,300
Hours
-
Measured at 120Vac input, 80%Load,
Case temperature=60
C @ Tc point.
See life time vs. Tc curve for the
details
Operating Case Temperature
for Safety Tc_s
-40
C
-
+90
C
Operating Case Temperature for
Warranty Tc_w
-40
C
-
+70
C
Humidity: 10% RH to 95% RH
Storage Temperature
-40
C
-
+85
C
Humidity: 5% RH to 95% RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
6.77 × 1.77 × 1.38
172 × 45 × 35
With mounting ear
7.60 × 1.77 × 1.38
193 × 45 × 35
Net Weight
-
520 g
-
Safety & EMC Compliance
Safety Category
Standard
UL/CUL
UL 8750, UL1012, UL1310 Class 2,
CSA-C22.2 No. 107.1, CSA C22.2 NO. 223-M91 Class 2
CE
EN 61347-1, EN 61347-2-13
KS
KS C 7655
EMI Standards
Notes
EN 55015(1)
Conducted emission Test & Radiated emission Test
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
FCC Part 15(1)
ANSI C63.4 Class B
This device complies with Part 15 of the FCC Rules. Operation is subject to the
following two conditions: [1] this device may not cause harmful interference, and [2]
this device must accept any interference received, including interference that may
cause undesired operation.
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: Differential Mode 4 kV, Common Mode 6 kV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com