Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUV-052S024ST Datasheet(PDF) 7 Page - Inventronics Inc.

Part # EUV-052S024ST
Description  52W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-052S024ST Datasheet(HTML) 7 Page - Inventronics Inc.

  EUV-052S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 7Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
7 / 8
52W Constant Voltage IP67 Driver
EUV-052SxxxST
Rev. K
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Revision History
Change
Date
Rev.
Description of Change
Item
From
To
2012-4-24
A
Datasheets Release
/
/
2012-05-25
B
OTP
/
Added
2012-06-06
C
Life time vs. Tc Curve
/
Added
Notes of life time
/
Updated
2012-7-2
D
Description of OTP
/
Updated
2012-7-17
E
Max Case Temperature
/
Updated
Mechanical Outline— wire length 320±20mm
/
Corrected
2012-7-30
F
Min Operating Temperature
-35℃
-40℃
2012-8-16
G
Derating Curve
/
Updated
Inrush Current(I2t)
/
Added
Min PF
/
Added
THD Max
/
Added
Temperature co-efficient
/
Added
2012-11-27
H
Life time
Min 50,000hrs
Typical 93,300hrs
Life time Curve
/
Updated
Mechanical Outline
/
Updated
2017-04-05
I
Efficiency at 277 Vac input
/
Added
Warranty Tc_w
/
Added
Environmental Specifications
/
Deleted
KS certificate Regulation
/
Added
Note of EMI Standard
/
Added
Derating Curve
/
Deleted
Power Factor Curve
/
Updated
Dimensions (L × W × H)
172 × 42.4 × 34.0
172 × 45.0 × 35.0
Net Weight
480 g
520 g
Protection Functions - Over Temperature
Protection
/
Updated
Mechanical Outline
/
Updated
2021-09-29
J
Product photograph
/
Updated
Description
/
Updated
Models
Typical Efficiency
Updated
General Specifications
Efficiency at 120 Vac input
Updated
General Specifications
Efficiency at 220 Vac input
Updated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com