Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN352AP Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN352AP
Description  P-Channel 30 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

FDN352AP Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  FDN352AP Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting
surface of the drain pins RθJC is guaranteed by design while RθJA is determined by the user’s board design.
(a) RθJA = 250°C/W when mounted on a 0.02 in
2 pad of 2oz. copper.
(b) RθJA = 270°C/W when mounted on a 0.001 in
2 pad of 2oz. copper.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
Electrical Characteristics TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250 µA
–30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature Coefficient
ID = –250 µA, Referenced to 25°C
–17
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24 V, VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage
VGS = ±25 V, VDS = 0 V
±100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250 µA
–0.8
–2.0
–2.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250 µA, Referenced to 25°C4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
g
m
180
300
150
250
VGS = –10 V, ID = –1.3 A
VGS = –4.5 V, ID = –1.1 A
Ω
FS
Forward Transconductance
VDS = –5 V, ID = –0.9 A
2.0
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = –15 V, VGS = 0 V, f = 1.0 MHz
150
pF
Coss
Output Capacitance
40
pF
Crss
Reverse Transfer Capacitance
20
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
VDD = –10 V, ID = –1 A,
VGS = –10 V, RGEN = 6 Ω
48
ns
tr
Turn–On Rise Time
15
28
ns
td(off)
Turn–Off Delay Time
10
18
ns
tf
Turn–Off Fall Time
12
ns
Qg
Total Gate Charge
VDS = –10V, ID = –0.9 A,
VGS = –4.5 V
1.4
1.9
nC
Qgs
Gate–Source Charge
0.5
nC
Qgd
Gate–Drain Charge
0.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–0.42
A
VSD
Drain–Source Diode Forward Voltage
VGS = 0 V, IS = –0.42 A
(Note 2)
–0.8
–1.2
V
trr
Diode Reverse Recovery Time
IF = –3.9 A,
dIF/dt = 100 A/µs
17
ns
Qrr
Diode Reverse Recovery Charge
7
nC
P-Channel 30 V (D-S) MOSFET
UMW
R
FDN352
www.umw-ic.com
2
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com