Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN352AP Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN352AP
Description  P-Channel 30 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

FDN352AP Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  FDN352AP Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. FDN352AP Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
■ –1.3 A, –30V
RDS(ON) = 180 mΩ @ VGS = –10V
–1.1 A, –30V
RDS(ON) = 300 mΩ @ VGS = –4.5V
■ High performance trench technology for extremely low
RDS(ON).
■ High power version of industry Standard SOT-23 package.
Identical pin-out to SOT-23 with 30% higher power handling
capability.
Applications
■ Notebook computer power management
General Description
These devices are well suited for low voltage and battery pow-
ered applications where low in-line power loss is needed in a
very small outline surface mount package.
Absolute Maximum Ratings TA = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
±25
V
ID
Drain Current
– Continuous
(Note 1a)
–1.3
A
– Pulsed
–10
PD
Power Dissipation for Single Operation
(Note 1a)
0.5
W
(Note 1b)
0.46
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
SOT–23
1. GATE
2. SOURCE
3. DRAIN
D
S
G
P-Channel 30 V (D-S) MOSFET
UMW
R
FDN352


Similar Part No. - FDN352AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
118Kb / 5P
Single P-Channel, PowerTrench
FDN352AP FAIRCHILD-FDN352AP Datasheet
123Kb / 5P
Single P-Channel, PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN352AP KEXIN-FDN352AP Datasheet
1Mb / 4P
P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN352AP EVVOSEMI-FDN352AP Datasheet
356Kb / 5P
P-Channel 30 V (D-S) MOSFET
Rev:2023A2
logo
Guangdong Kexin Industr...
FDN352AP-3 KEXIN-FDN352AP-3 Datasheet
1Mb / 4P
P-Channel MOSFET
More results

Similar Description - FDN352AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com