Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686B Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4686B
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 17Page - Analog Devices LTM4686B Datasheet HTML 18Page - Analog Devices LTM4686B Datasheet HTML 19Page - Analog Devices LTM4686B Datasheet HTML 20Page - Analog Devices LTM4686B Datasheet HTML 21Page - Analog Devices LTM4686B Datasheet HTML 22Page - Analog Devices LTM4686B Datasheet HTML 23Page - Analog Devices LTM4686B Datasheet HTML 24Page - Analog Devices LTM4686B Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
LTM4683
21
Rev. 0
For more information www.analog.com
eliminate this power loss through these linear regulators,
the VBIAS powers both at very high efficiency.
VBIAS (N10): 5.5V step-down output that powers both
internal controllers to reduce power loss. Provide a 22µF
ceramic bypass capacitor on this pin to GND. SVIN_01
and SVIN_23 must be higher than 7V for this VBIAS to
supply the controllers. When the input voltage is between
4.5V to 5.75V, pull the RUNP pin to GND, and connect
SVIN_01 and SVIN_23 to INTVCC_01 and INTVCC_23, respec-
tively. Powering up the VBIAS regulator with the SVIN_01
and SVIN_23 greater than 7V will power the INTVCC_01,
INTVCC_02, the VDD33_01, VDD33_23, VDD25_01, and
VDD25_23 from VBIAS. Otherwise, these sources will get
their power from SVIN_01 and SVIN_23. This will allow pro-
gramming each internal controller’s EEPROM with the
power regulator channels in the off position.
RUNP (N11): This pin enables the Internal 5.5V VBIAS
Step-Down Regulator. Pulling this pin above 0.85V will
enable the Internal regulator. The pin is rated to VIN, so
connect to VIN to enable, and connect to GND to disable.
When the input voltage is between 4.5V to 5.75V, pull the
RUNP pin to GND, and connect SVIN_01 and SVIN_23 to
INTVCC_01 and INTVCC_23, respectively.
VOUT2 (N13-N15, P13-P15, R13-R15, T13-T15, U13-
U15): Channel 2 Output Voltage. Place recommended
output capacitors from this shape to GND. See the Layout
Checklist/Example section.
SW2 (P1-P2, R1-R2, T1-T2): Switching Node of Channel 2
Step-Down Converter Stage. Used for test purposes or
EMI-snubbing. It may be routed a short distance to a local
test point to monitor the switching action of Channel 2,
if desired, but do not route near any sensitive signals.
Otherwise, leave it open.
VOSNS2+ (P8): Channel 2 Positive Differential Voltage
Sense Input. Together, VOSNS2+ and VOSNS2– serve to
Kelvin-sense the VOUT2 output voltage at VOUT2’s point-
of-load (POL) and provide the differential feedback signal
directly to Channel 2’s feedback loop. Command VOUT2’s
target regulation voltage by serial bus. Its initial command
value at SVIN_23 power-up is dictated by NVM (nonvolatile
memory) contents (factory default: 0.5V)—or, optionally,
may be set by configuration resistors; see VOUT2_CFG,
VTRIM2_CFG and the Applications Information section.
IIN_23– (P9): Negative Current Sense Amplifier Input. If
the input current sense amplifier is not used, this pin
must be shorted to the IIN_23+ and SVIN_23 pins. See the
Applications Information section for more details about
the input current sensing.
INTVCC_23 (P10): Internal Regulator, 5.5V Output. When
operating the LTM4683 from 5.75V ≤ SVIN_23 ≤ 14V, an
internal LDO generates INTVCC_23 from SVIN_23 to bias
internal control circuits and the MOSFET drivers of the
LTM4683’s Channel 2 and Channel 3. An external 4.7µF
ceramic decoupling capacitor is required. INTVCC_23 is
regulated regardless of the RUNn pin state. When operat-
ing the LTM4683 with 4.5V ≤ SVIN_23 < 5.75V, INTVCC_23
must be electrically shorted to SVIN_23, and the RUNP pin
must be pulled to GND. VBIAS takes over after start-up
when the input voltage is greater than 7V.
SVIN_23 (P11): Input Supply for LTM4683’s Internal
Control IC for Channel 2 and Channel 3. In most applica-
tions, SVIN_23 connects to VIN_23. SVIN_23 can be operated
from an auxiliary supply separate from VIN23 for powering
the VIN23 from a lower supply like 6V. The SVIN_23 pin
requires 1Ω and 1µF decoupling capacitor to measure the
actual control chip current. See MFR_READ_ICHIP and
MFR_ADC_CONTROL command section. When operating
from 4.5V to 5.75V with no auxiliary bias supply, then
the main device input supply should connect to SVIN_23
and INTVCC_23. See Test Circuit 2 for an example. In this
configuration, the ICHIP current will not be relevant since
INTVCC_23 is connected to SVIN_23. See Input Voltage and
Limits to update low VIN operation parameters.
VOSNS2– (R8): Channel 2 Negative Differential Voltage
Sense Input. See VOSNS2+.
IIN_23+ (R9): Positive Current Sense Amplifier Input. If
the input current sense amplifier is not used, this pin
must be shorted to the IIN_23– and SVIN_23 pins. See the
Applications Information section for more details about
the input current sensing.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com