Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESV-150S042ST Datasheet(PDF) 6 Page - Inventronics Inc.

Part # ESV-150S042ST
Description  150W Constant Voltage IP67 Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-150S042ST Datasheet(HTML) 6 Page - Inventronics Inc.

  ESV-150S042ST Datasheet HTML 1Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 2Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 3Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 4Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 5Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 6Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 / 7
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
150W Constant Voltage IP67 Driver
ESV-150SxxxST
Rev. C
Protection Functions
Parameter
Min.
Typ.
Max.
Notes
Over Current Protection
110%IO
150%IO
200%IO
Auto Recovery. The power supply shall be
self-recovered within 60
5s after the fault
condition is removed.
Over Temperature Protection
Auto recovery. The power supply shall be self-recovery within 60
5s after the case
temperature becomes normal.
Short Circuit Protection
Auto Recovery. The power supply shall be self-recovered within 60
5s after the fault
condition is removed.
Over Voltage Protection
Auto Recovery. The power supply shall be self-recovered within 60
5s after the fault
condition is removed.
Mechanical Outline
PROJ:
Unspecified tolerance:±1
OUTPUT(UL SJTW 2*14AWG
8.8
INPUT(UL STW 3*18AWG
9.5)
AC/L(BLACK)
AC/N(WHITE)
GND(GREEN )
V+(RED)
V- (BLUE)
Tc
RoHS Compliance
Our products comply with the European Directive 2011/65/EC, calling for the elimination of lead and other
hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com