Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESV-150S042ST Datasheet(PDF) 7 Page - Inventronics Inc.

Part # ESV-150S042ST
Description  150W Constant Voltage IP67 Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-150S042ST Datasheet(HTML) 7 Page - Inventronics Inc.

  ESV-150S042ST Datasheet HTML 1Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 2Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 3Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 4Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 5Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 6Page - Inventronics Inc. ESV-150S042ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7 / 7
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
150W Constant Voltage IP67 Driver
ESV-150SxxxST
Rev. C
Revision History
Change
Date
Rev.
Description of Change
Item
From
To
2015-03-10
A
Datasheets Release
/
/
2015-10-29
B
Lifetime
/
Update
2019-03-12
C
Header
outdoor
IP67
Description
outdoor
Delete
General Specifications
With mounting ear
Added
Net Weight
1160g
1270g
Safety & EMC Compliance
Note
Added
Mechanical Outline
/
Update



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com