Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6R30AXB Datasheet(PDF) 1 Page - Marathon Special Products

Part # 6R30AXB
Description  Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

6R30AXB Datasheet(HTML) 1 Page - Marathon Special Products

  6R30AXB Datasheet HTML 1Page - Marathon Special Products 6R30AXB Datasheet HTML 2Page - Marathon Special Products 6R30AXB Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
6R30AXB
Replace “X” with 1 or 3 for number of poles
Electrical Ratings
• 0 - 30A max (amperage rating based on maximum fuse rating for that physical size)
• Copper wire only
• 600 Volts AC/DC
• Approved for 200,000 Amp Withstand Rating
Agency Compliance
• UL Listed, Fuseholder standards UL 4248-1 and UL 4248-12.
• UL File No. IZLT.E35113
• CSA Certified, CSA C22.2 No. 39 – M1987, File No. LR21455
• CE compliant to IEC 60947-1
• RoHS Compliant
Material Information
• Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI
• Flammability rating of insulator base: UL 94 V-0
• Touch protection: IP-20 (IEC 60529) with optional cover CHR630 (See accessories)
•Use outside these ratings needs to be judged in the end-use application.
• Fuse Clip: Copper alloy, tin plated
• Box Connector: High conductivity aluminum, tin plated
• Reject Member: Steel, tin plated
• Reinforcing Spring: Steel, zinc plated
• Insulator base: General Phenolic
• Terminal set screws: Steel, nickel plated
• Connector mounting screws: Steel, zinc plated
Wire Range
• #6 - #14 AWG Copper
Holds Fuse size 13/16” diameter X 5”
Commonly used fuses in this holder: A6D-R, A6K-R, DLS-R, FLSR_ID, FRS-R, IDSR, KLSR, LLSRK, LLSRK_ID, LPS-
RK, TRS-R
Class R Fuse Holder - Reinforced


Similar Part No. - 6R30AXB

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6R30AXSP MARATHON-6R30AXSP Datasheet
145Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/14/2019
More results

Similar Description - 6R30AXB

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
HARTING Technology Grou...
09-36-506-2702 HARTING-09-36-506-2702 Datasheet
462Kb / 2P
Han 6Ex UL-F-c Inserts
09-36-510-2702 HARTING-09-36-510-2702 Datasheet
460Kb / 2P
Han 10Ex UL-F-c Inserts
09-36-516-2702 HARTING-09-36-516-2702 Datasheet
467Kb / 2P
Han 16Ex-UL-F-C Inserts
logo
Marathon Special Produc...
6T400AXB MARATHON-6T400AXB Datasheet
340Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
6T600AXB MARATHON-6T600AXB Datasheet
418Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
HVPB112 MARATHON-HVPB112 Datasheet
140Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
HVPB114 MARATHON-HVPB114 Datasheet
152Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
M6J200AX101 MARATHON-M6J200AX101 Datasheet
171Kb / 3P
Insulator base maximum temperture rating: 125°C (UL RTI)
6/3/2021
MFH6 MARATHON-MFH6 Datasheet
176Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
REV-C 05/22/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com