Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4382ABCCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 22Page - Analog Devices ADF4382ABCCZ Datasheet HTML 23Page - Analog Devices ADF4382ABCCZ Datasheet HTML 24Page - Analog Devices ADF4382ABCCZ Datasheet HTML 25Page - Analog Devices ADF4382ABCCZ Datasheet HTML 26Page - Analog Devices ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. 0 | 26 of 70
Calibration Time Performance Consideration
When programming the VCO calibration time as per the VCO
Calibration section, the jitter performance can be affected by the
overall calibration time. For applications where taking a longer
time to autocalibrate is not an issue, for example, fixed frequency
applications, it is recommended to program an autocalibration time
of 250 μs to optimize jitter and phase noise performance. For oth-
er applications requiring faster autocalibration times and reduced
overall lock times, an autocalibration time of 100 μs can be used.
However, this time may degrade jitter with temperature changes
over the complete −40°C to +105°C operating range.
Table 20. Recommended Calibration Times
Autocalibration
Time (µs)
CAL_VTUNE_TO
Time
CAL_COUNT_TO
Time (µs)
CAL_VCO_TO
Time (µs)
100
Determined by the
largest loop filter
capacitor
8.5
1
250
Determined by the
largest loop filter
capacitor
23.5
1
The CAL_VTUNE_TO time is determined by the charging time of
the maximum value capacitor in the loop filter. Calculate the charge
time by using the following equation:
tCHARGE = (C × V)/I
where:
C is the largest capacitor value in loop filter.
V is the VTUNE voltage change for lock and leave over tempera-
ture, which is typically 0.8 V.
I is the VCO calibration generator current of 4.2 mA.
Core Bias Table
As part of the initialization process, the core bias table must be
programmed with the predefined values provided in Table 26 (see
Register 0x100 through Register 0x111). These are specifically opti-
mized VCO bias values for different frequency bands of operation.
After performing a device initialization, the VCO bias registers are
not reprogrammed until a subsequent power-on reset executes.
RF Output Divider (O)
A 3-bit divider, RFOUT_DIV (Register 11, Bits[7:5]), is used to
divide the frequency seen at the output buffer and feedback divider.
The divide ratio can be set to 1, 2, or 4. RFOUT_DIV is located
inside the PLL. Therefore, any change to RFOUT_DIV requires
a change to the N_INT bit fields (Register 0x010, Bits[7:0] and
Register 0x011, Bits[3:0]) to maintain the same fPFD and results in
the PLL losing lock for a few loop time constants.
Table 21. RFOUT_DIV Programming
RFOUT_DIV
Divisor
Output Frequency Range (GHz)
0
1
11.5 ≤ RFOUT ≤ 21
1
2
5.75 ≤ RFOUT ≤ 10.5
2
4
2.875 ≤ RFOUT ≤ 5.25
Output Invert (INV_RFOUT)
The output invert, INV_RFOUT (Register 0x011, Bit 4), is used to
shift the output signal 180°. INV_RFOUT is located inside the PLL,
and any change to INV_RFOUT results in the PLL losing lock for
few loop time constants.
Feedback Divider (N)
The feedback divider provides a division ratio in the PLL feedback
path. The division ratio consists of the N_INT (Register 0x011,
Bits[3:0] and Register 0x010, Bits[7:0]), FRAC1WORD (Register
0x15, Bit 0; Register 0x14, Bits[23:16]; Register 0x013, Bits[15:8],
and Register 0x012, Bits[7:0]), FRAC2WORD (Register 0x19,
Bits[23:16]; Register0x18, Bits[15:8]; and Register0x17, Bits[7:0]),
and MOD2WORD (Register 0x1C, Bits[23:16]; Register 0x1B,
Bits[15:8]; and Register 0x1A, Bits[7:0]) bit field values that this
divider comprises together with the fixed modulus MOD1WORD
(225). See the Applications Information section for the relation-
ship between N_INT, FRAC1WORD, MOD1WORD, FRAC2WORD,
MOD2WORD, RFOUT_DIV, together with R and D, and the fREF,
fPFD, fVCO and fOUT frequencies.
Phase Adjust
One of the following two methods can be used to perform a phase
adjustment of the RFOUT signals relative to their initial phase:
►
Bleed current mode
►
Σ-Δ mode
To enable bleed current mode, set DEL_MODE = 0. To enable Σ-Δ
mode, set DEL_MODE = 1.
Bleed Current Phase Adjustment
A small programmable constant charge pump current, known as
a bleed current, can be applied to the charge pump to adjust the
phase. Bleed current phase adjustment is used in integer mode.
Bleed current can also be applied in fractional mode to optimize
performance (see the Charge Pump Bleed Current Optimization
section for more details). The LSB step size depends on the
RFOUT frequency. PHASE_ADJ_POL determines the direction of
the phase adjustment. When PHASE_ADJ_POL = 0, the phase
value is decreased. When PHASE_ADJ_POL = 1, the phase value
is increased.
Ensure the following bit fields are programmed accordingly to
enable bleed current adjustment:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com