Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2PAC Datasheet(PDF) 7 Page - TiMOTION Technology Co. Ltd.

Part # TA2PAC
Description  Max. load 2,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2PAC Datasheet(HTML) 7 Page - TiMOTION Technology Co. Ltd.

  TA2PAC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
TA2PAC Ordering Key Appendix
1 = Aluminum casting, hole 6.4, one
piece casting with gear box
2 = Aluminum casting, hole 8.0, one
piece casting with gear box
6 = Aluminum casting, U clevis, slot
6.0, depth 10.5, hole 10.0, one
piece casting with gear box
3 = Aluminum casting, hole 10.0, one
piece casting with gear box
4 = Aluminum casting, U clevis, slot
6.0, depth 10.5, hole 6.4, one
piece casting with gear box
5 = Aluminum casting, U clevis, slot
6.0, depth 10.5, hole 8.0, one
piece casting with gear box
Rear Attachment (mm)
1 = Aluminum casting, hole 6.4
2 = Aluminum casting, hole 8.0
3 = Aluminum CNC, U clevis, slot 6.0,
depth 16.0, hole 10.0
4 = Aluminum CNC, U clevis, slot 6.0,
depth 16.0, hole 6.4
5 = Aluminum CNC, U clevis, slot 6.0,
depth 16.0, hole 8.0
Front Attachment (mm)
ø6.4
9
ø8
9
ø10
16
ø6.4
16
ø8
16
11
R9.4
ø6.4
R9.4
ø8
11
R9.4
ø10
11
15
10.5
R11
ø6.4
15
10.5
R11
ø8
15
10.5
R11
ø10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com