Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2PAC Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA2PAC
Description  Max. load 2,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2PAC Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA2PAC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Product Segments
• Industrial Motion
TA2PAC
series
TiMOTION’s TA2PAC is a linear actuator with an integrated AC/DC power
supply. It is controlled by 1 neutral wire and 2 line wires (extension and
retraction), making it ideal for automating ventilation systems in livestock
farming.
General Features
Max. load
2,000N (push/pull)
Max. speed at max. load
7.5mm/s
Max. speed at no load
52mm/s
Retracted length
> 235mm (depending on chosen options)
IP rating
IP66D
Stroke
20~1000mm
Output signals
POT
Voltage
100~240V AC
Operational temperature range
-25°C~+65°C
Operational temperature range
+5°C~+45°C
at full performance


Similar Part No. - TA2PAC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA2P TIMOTION-TA2P Datasheet
346Kb / 4P
TA2P series
More results

Similar Description - TA2PAC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com