Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFPC60LC-P Datasheet(PDF) 3 Page - International Rectifier

Part # IRFPC60LC-P
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPC60LC-P Datasheet(HTML) 3 Page - International Rectifier

  IRFPC60LC-P Datasheet HTML 1Page - International Rectifier IRFPC60LC-P Datasheet HTML 2Page - International Rectifier IRFPC60LC-P Datasheet HTML 3Page - International Rectifier IRFPC60LC-P Datasheet HTML 4Page - International Rectifier IRFPC60LC-P Datasheet HTML 5Page - International Rectifier IRFPC60LC-P Datasheet HTML 6Page - International Rectifier IRFPC60LC-P Datasheet HTML 7Page - International Rectifier IRFPC60LC-P Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRFPC60LC-P
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics,
TC = 25oC
Fig 2. Typical Output Characteristics,
TC = 150oC
0.01
0.1
1
10
100
4
567
89
1 0
T = 25 °C
T = 1 50°C
J
J
GS
V
, G ate-to-S ourc e V o ltag e (V )
V
= 100V
20µs PU LS E W ID T H
DS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-6 0
-40
-2 0
0
20
40
60
80
100 120 140 160
V
= 10V
GS
J
T
, Junction Te m perature (°C )
I
= 1 6 A
D
0.01
0.1
1
10
10 0
0.01
0.1
1
10
100
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
V
, D ra in -to -So urce Vo lta g e (V)
DS
20µ s PU LSE W ID T H
T
= 25 °C
C
0.01
0.1
1
10
10 0
0.01
0.1
1
10
100
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
V
, D ra in -to -So urce Vo lta g e (V)
DS
20 µ s P U LS E W ID T H
T
= 150 °C
C
4.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com