Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFPC60LC-P Datasheet(PDF) 6 Page - International Rectifier

Part # IRFPC60LC-P
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPC60LC-P Datasheet(HTML) 6 Page - International Rectifier

  IRFPC60LC-P Datasheet HTML 1Page - International Rectifier IRFPC60LC-P Datasheet HTML 2Page - International Rectifier IRFPC60LC-P Datasheet HTML 3Page - International Rectifier IRFPC60LC-P Datasheet HTML 4Page - International Rectifier IRFPC60LC-P Datasheet HTML 5Page - International Rectifier IRFPC60LC-P Datasheet HTML 6Page - International Rectifier IRFPC60LC-P Datasheet HTML 7Page - International Rectifier IRFPC60LC-P Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com
IRFPC60LC-P
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
VDS
L
D.U.T.
VDD
IAS
tp
0.01
Ω
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
QG
QGS
QGD
VG
Charge
10 V
0
400
800
1200
1600
2000
2400
25
50
75
100
125
150
V
= 5 0V
Sta rtin g T
, Juntion Te m perature (°C )
J
DD
I
T O P
7 .2 A
1 0 A
B O T T O M
16A
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com