Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85063AT/A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF85063AT/A
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/A Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF85063AT/A Datasheet HTML 1Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 2Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 3Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 4Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 5Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 6Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 7Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 8Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
6 Pinning information
6.1 Pinning
PCF85063AT
1
OSCI
8 VDD
2
OSCO
7 CLKOUT
3
INT
6 SCL
4
VSS
5 SDA
aaa-008973
For mechanical details, see Figure 32.
Figure 2. Pin configuration for SO8 (PCF85063AT)
aaa-004430
PCF85063ATL
Transparent top view
VDD
OSCI
10
1
CLKOUT
OSCO
9
2
n.c.
CLKOE
8
3
SCL
INT
7
4
SDA
VSS
6
5
For mechanical details, see Figure 33.
Figure 3. Pin configuration for DFN2626-10 (PCF85063ATL)
PCF85063ATT
OSCI
VDD
OSCO
CLKOUT
INT
SCL
VSS
SDA
aaa-009562
1
2
3
4
6
5
8
7
For mechanical details, see Figure 34.
Figure 4. Pin configuration for TSSOP8 (PCF85063ATT)
6.2 Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Pin
Symbol
PCF85063AT
PCF85063ATL PCF85063ATT
Type
Description
OSCI
1
1
1
input
oscillator input
OSCO
2
2
2
output
oscillator output
CLKOE[1]
-
3
-
input
CLKOUT enable or disable pin; enable is
active HIGH
Table 3. Pin description
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
3 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com