Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85063AT/A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF85063AT/A
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF85063AT/A Datasheet HTML 4Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 5Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 6Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 7Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 8Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 9Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 10Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 11Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Bit
Prescaler bits
Time
STOP
F0F1-F2 to F14
[1]
1 Hz tick
hh:mm:ss
Comment
XX-0 0000 0000
0000
08:00:00
prescaler is now running
XX-1 0000 0000
0000
08:00:00
-
XX-0 1000 0000
0000
08:00:00
-
XX-1 1000 0000
0000
08:00:00
-
:
:
:
11-1 1111 1111
1110
08:00:00
-
00-0 0000 0000
0001
08:00:01
0 to 1 transition of F14 increments the time circuits
10-0 0000 0000
0001
08:00:01
-
:
:
:
11-1 1111 1111
1111
08:00:01
-
00-0 0000 0000
0000
08:00:01
-
10-0 0000 0000
0000
08:00:01
-
:
:
:
11-1 1111 1111
1110
08:00:01
-
0
00-0 0000 0000
0001
aaa-004416
1.000000 s
0.507813
to
0.507935 s
08:00:02
0 to 1 transition of F14 increments the time circuits
Table 6. First increment of time circuits after STOP bit release...continued
[1]
F0 is clocked at 32.768 kHz.
The lower two stages of the prescaler (F0 and F1) are not reset. And because the I2C-bus is asynchronous to
the crystal oscillator, the accuracy of restarting the time circuits is between zero and one 8.192 kHz cycle (see
Figure 7).
aaa-004417
0 µs to 122 µs
8192 Hz
stop released
Figure 7. STOP bit release timing
The first increment of the time circuits is between 0.507 813 s and 0.507 935 s after STOP bit is released. The
uncertainty is caused by the prescaler bits F0 and F1 not being reset (see Table 6) and the unknown state of the
32 kHz clock.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
8 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com