Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELP Datasheet(PDF) 7 Page - Leadshine Technology Co., Ltd.

Part # ELP
Description  ELP Series AC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELP Datasheet(HTML) 7 Page - Leadshine Technology Co., Ltd.

  ELP Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Datasheet of ELP Series
www.leadshine.com
7
Torque /Velocity Control Mode
Noise Filter
Circuit
braker
Magenatic
contactor
L1
P+
L2
Br
1 phase
220VAC
CN1
CN2
U
PE
W
V
2
7
8
10
23
A+
24
A-
25
B+
26
B-
OCZ
36
GND
Encoder signal output
27
Z+
28
Z-
PE
Use twisted wire with
shield for encoder signal
output
CN3
OCB
OCA
COM_SI
A-CLR
37
29
30
39
AI1+
40
AI1-
43
AI3+
44
AI3-
Use twisted wire with
shield for speed analog
signal input
Use twisted wire with
shield for torque analog
signal input
ALM+
ALM-
18
19
BRKOFF+
BRKOFF-
21
20
1
SRV-ON
POT
4.7K
4.7K
NOT
4.7K
4.7K
12~24Vdc
32
S-RDY
33
ALM
INP 34
BRK-OFF
31
35
2
7
COM_SO
Torque/Velocity Control Mode Wiring



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com