Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELP Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # ELP
Description  ELP Series AC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELP Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  ELP Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet of ELP Series
www.leadshine.com
1
ELP Series AC Servo Drive
ELP Series AC servo products are high performance AC digital servo which is designed for position/velocity/torque high
accurate control , power range up to 2kw ,which can provide intelligent performance with easy tuning process .
Combined with abundant features like MFC, vibration suppression, Multi-mode filter function etc.
It provides machines a compact size, low tuning works, but high resolution
encoder up to 23 bits ,which can be used for high accuracy applications
Feature:
◆ Easy tuning, flexible to control
◆ Automatic identification for motor type
◆ RS485/Modbus/EtherCAT
◆ Notch filter, Damping filter
◆ Dynamic brake
◆ 17bit /23bit absolute encoder
◆ Internal resistor
Technical Specification
Type
ELP-*400Z
ELP-*750Z
ELP-*1000Z
ELP-*1500Z
ELP-*2000Z
Cont current
3.5
5.5
7
10
12
Peak Current
10.5
16.5
21
30
36
Power Supply
100W~2KW
Main Power
Single phase or three phase 220V -15%~+10% 50/60HZ
Control Power
Single phase 220V -15%~+10% 50/60HZ
Control Method
IGBT SVPWM sinusoidal wave drive
Encoder Feedback
17bit incremental encoder/absolute encoder
23bit multi-turn absolute encoder
IO
Digital IO
Input
9 inputs(Support common+ and common- two wiring modes),
functions can be configured, 12~24Vdc,30mA
Output
6 outputs(4 single-ended, 2 differential), functions can be
configured, 12~24Vdc,30mA
Analog
Input
2 analog input(optional), -10~+10Vdc, input resistance 20KΩ, no
isolation
Pulse
Input Pulse
0-500kHZ, 5V differential input/24V Single-ended
Output Pulse
Encoder ABZ output (3 single-ended, 3 differential)
Communication
Port
USB
PC debug
RS-485
Modbus/RTU(optional),1:N communication up to 31axes to a host
EtherCAT
EtherCAT (optional),1:N communication up to 128 axes to a host
Control Mode
Position mode: pulse+direction、internal register position setup、
RS232/485
Velocity mode: analog、internal register velocity setup.
RS232/485
Torque mode: analog
Operation Interface
Five LED tubes and five keys
Electronic gear ratio
1~8388608
Input Function Configuration
Servo-ON. Alarm clear. Positive/Negative Limit. Control mode
switching. Gain switching. Deviation counter clear. Command pulse
inhibition. Electronic gear switching. Torque limit switching. Speed
zero clamp. Speed command sign input. Torque command sign input.


Similar Part No. - ELP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ELP HAMMOND-ELP Datasheet
69Kb / 2P
Electronic Locking Handle with Proximity
logo
Greystone Energy System...
ELP GREYSTONE-ELP Datasheet
573Kb / 2P
LOW PRESSURE TRANSMITTER
logo
EPIGAP optoelectronic G...
ELP-645-013 EPIGAP-ELP-645-013 Datasheet
273Kb / 2P
LED - Lamp
logo
Mean Well Enterprises C...
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
75W Single Output with PFC Function
ELP-75-12 MEANWELL-ELP-75-12 Datasheet
731Kb / 2P
75W Single Output with PFC Function
More results

Similar Description - ELP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M0100-103-3-000 ETC2-M0100-103-3-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-PN-S1 FESTO-CMMT-AS-C2-11A-P3-PN-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
logo
Leadshine Technology Co...
EL6 LEADSHINE-EL6 Datasheet
438Kb / 5P
EL6 AC Servo Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com