Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS-RS Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # ICS-RS
Description  iCS-RS Series Integrated Steppwe Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS-RS Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  ICS-RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet of iCS-RS Series Integrated Stepper Motor
www.leadshine.com
2
Model Designation
Technical Specification
Model
Frame
Size
Length
(mm)
Holding
Torque
(N.m)
Weight
(Kg)
Command
Source
Power
Voltage
(VDC)
Peak
Current
(A)
Input
Logical
Voltage
Output
Capability
Max Baud
Rate
Digital
Input
Digital
Output
iCS-RS1706
NEMA
17
73
0.4
1.0
Modbus-RTU
20-36
0.3 - 3.0
12-24V
24V@
100mA
115200
3
1
iCS-RS1708
86
0.8
1.1
20-36
0.3 - 3.0
iCS-RS2313
NEMA
23
78
1.3
1.1
20-50
0.5 - 4.5
iCS-RS2323
99
1.9
1.4
20-50
0.5 - 7.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com