Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS-RS Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # ICS-RS
Description  iCS-RS Series Integrated Steppwe Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS-RS Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  ICS-RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Datasheet of iCS-RS Series Integrated Stepper Motor
www.leadshine.com
3
Dimension
(Unit: mm [1inch=25.4mm])
L±1
24±0.5
15±0.2
14.5
2
42.0
31.0
4-M3
DEEP 4.5
φ5 0
-0.012
P-P
P-P
2:1
Models
Length
iCS-RS1706
iCS-RS1708
73 mm
86 mm
Models
Length
iCS-RS2313
iCS-RS2323
78 mm
99 mm
21±0.5
15
φ8
L±1
22±0.5
5
1.6
P-P
2:1
0 -
0.012
47.14
57.2 MAX
4-φ5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com