| Electronic Components Datasheet Search |
|
P90CE201 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P90CE201 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 77 page ![]() August 1993 8 Philips Semiconductors Product specification 16-bit microcontroller P90CE201 5 CPU FUNCTIONAL DESCRIPTION 5.1 General The CPU of the P90CE201 is software compatible with the 68000, consequently programs written for the 68000 will run on the P90CE201 unchanged. However, for certain applications the following differences between the processors should be noted: • The initialization of the System Control Registers. • Differences exist in the address error exception processing since the P90CE201 can provide full error recovery. • The timing is different because of the P90CE201’s new architecture and technology. The instruction execution timing is completely different for the same reason. 5.2 5.2 Programming model and data organization The programming model is identical to that of the 68000 and is shown in Fig.3. It contains seventeen 32-bit registers, a 32-bit Program Counter and a 16-bit Status Register. The first eight registers (D0 to D7) are used as data registers for byte, word and long-word operations. The second group of registers (A0 to A6) and the System Stack Pointer (A7) can be used as software stack pointers and base address registers. In addition, these registers can be used for word and long-word address operations. All seventeen registers can be used as Index Registers. The P90CE201 supports 8, 16 and 32-bit integer data, BCD data 32-bit addresses. Each data type is arranged in memory as shown in Fig.4. Fig.3 Programming model. handbook, full pagewidth Eight Data Registers Program Counter Two Stack Pointers Seven Address Registers A6 A0 31 16 15 8 7 0 DO D1 D2 D3 D4 D5 D6 D7 USER STACK POINTER SUPERVISOR STACK POINTER A7 31 16 15 0 A1 A2 A3 A4 A5 31 0 Status Register SYSTEM BYTE USER BYTE 15 8 7 0 MCD504 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |