| Electronic Components Datasheet Search |
|
P90CE201 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P90CE201 Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 77 page ![]() August 1993 3 Philips Semiconductors Product specification 16-bit microcontroller P90CE201 1 FEATURES • CMOS technology • Full 68000 software compatibility • 32-bit internal structure • 16-bit internal data transfer • 8-bit access to external ROM/RAM • External addressing range 16 Mbytes for ROM and 16 Mbytes for RAM • Unused address pins can be used as quasi-bidirectional ports • On-chip address decoder for ROM/RAM • 8 edge triggered programmable interrupts that can also be used as quasi-bidirectional ports • Reset control • Built-in clock generator • 2 fully independent fast I2C-bus serial interfaces • UART serial interface (4 modes) • 3 fully independent 16-bit timers • Watchdog timer • 8-bit quasi-bidirectional port, 4-bits with high drive capability • EMC optimized layout and pinning • 64-pin QFP package 2 GENERAL DESCRIPTION The P90CE201 is a member of the P9XCXXX family of highly integrated 16-bit microcontrollers for use in a wide variety of applications. It is fully software compatible with the 68070/68000. The complete set of system functions available on the chip results in reduced system cost. Additionally, its modular design concept permits future extension to the family. 3 ORDERING INFORMATION Note 1. SOT319-2; 1996 November 28. EXTENDED TYPE NUMBER PACKAGE CLOCK FREQUENCY (MHz) TEMPERATURE RANGE ( °C) PINS PIN POSITION MATERIAL CODE P90CE201AEB 64 QFP plastic SOT319(1) 24.0 −25 to 85 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |