Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P90CL301 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P90CL301
Description  Low voltage 16-bit microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CL301 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P90CL301 Datasheet HTML 4Page - NXP Semiconductors P90CL301 Datasheet HTML 5Page - NXP Semiconductors P90CL301 Datasheet HTML 6Page - NXP Semiconductors P90CL301 Datasheet HTML 7Page - NXP Semiconductors P90CL301 Datasheet HTML 8Page - NXP Semiconductors P90CL301 Datasheet HTML 9Page - NXP Semiconductors P90CL301 Datasheet HTML 10Page - NXP Semiconductors P90CL301 Datasheet HTML 11Page - NXP Semiconductors P90CL301 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
1996 Dec 11
8
Philips Semiconductors
Preliminary specification
Low voltage 16-bit microcontroller
P90CL301BFH (C100)
6
SYSTEM CONTROL
6.1
Memory organization
The maximum external address space of the controller is
16 Mbytes. It can be partitioned into five address spaces.
These address spaces are designated as either User or
Supervisor space and as either Program or Data space or
as interrupt acknowledge.
For slow memories the CPU can be programmed to insert
a number of wait states. This is done via the eight
Chip-select Control Registers CS0N to CS7N; further to
be denoted as CSnN, where n = 0 to 7. The number of
inserted wait states can vary from 0 to 6, or wait states are
inserted until the DTACK is pulled LOW by the external
address decoding circuitry. If DTACK is asserted
continuously, the P90CL301BFH will run without wait
states using bus cycles of three or four clock periods
depending on the state of the FBC bit in the SYSCON
register.
6.1.1
MEMORY MAP
The memory address space is divided as shown in
Table 2; short addressing space with A31 to A15 = 1.
Table 2
Memory address space
ADDRESS (HEX)
DESCRIPTION
0000 0000 to 00FF FFFF
external 16 Mbytes
memory
0100 0000 to 8000 FFFF
not used
8001 0000 to 8001 FFFF
off-chip 64 kbytes on 8051
bus
8002 0000 to FFFF 7FFF
not used
FFFF 8000 to FFFF 8AFF
internal registers
FFFF 8B00 to FFFF 8FFF
not used
FFFF 9000 to FFFF 91FF
internal 512 bytes RAM
FFFF 9200 to FFFF BFFF
not used
FFFF C000 to FFFF C0FF internal 256 bytes
Test-ROM
FFFF C100 to FFFF FFFF not used
6.2
Programmable chip-select
In order to reduce the external components associated
with memory interface, the P90CL301BFH provides
8 programmable chip-selects. A specific chip-select CSBT
provides default reset values to support a bootstrap
operation.
Each chip-select can be programmed with:
• A base address (A23 to A19)
• A memory bank width of 512 kbytes, 1, 2, 4 or 8 Mbytes
memory size
• A number of wait states (0 to 6 states, or wait for
DTACK) to adapt the bus cycle to the memory cycle
time.
Chip-selects can be synchronized with read, write, or both
read and write, either Address strobe or Data strobe. They
can also be programmed to address low byte, high byte or
word.
Each chip-select is controlled by a control register CSnN
(n = 0 to 7). The control registers are described in
Table 3 to 7.
The RESET instruction does not affect the contents of the
CSnN registers.
Register CS7N corresponds to register CSBT (address
FFFF 8A0EH). After reset CSBT is programmed with a
block size of 8 Mbytes with:
• A19 to A23 at logic 0
• M19 to M22 at logic 1
• 6 wait states
• read only mode.
The other chip-selects are held HIGH and will be activated
after initialization of their control registers.
When programmed in reduced access mode (read only,
write only, low byte, high byte), the wait states are
generated internally and if there is any access-violation
when the bit WD in the SYSCON register is set to a logic 1
(time-out), the processor will execute a bus error after the
time-out delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com