Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC90 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CDC90 Datasheet HTML 1Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 2Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 3Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 4Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 5Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 6Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 7Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 8Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Liquiline Control CDC90
Endress+Hauser
5
The IPC is responsible for retracting the assembly and activating the pilot valve manifold, and
processes all the states of the float switches and pressure switches.
The IPC only establishes digital fieldbus communication to the control station.
In both the IPC and the Liquiline transmitter, operation and configuration is possible via the device's
web server.
Primary operation is via the IPC. As the Liquiline transmitter is preconfigured upon delivery, it
generally does not require any further configuration.
The assignment of the inputs and outputs is provided in the following table and graphic:
Liquiline transmitter
IPC
Pneumatic control unit
Inputs
Digital
12x0/24 VDC, passive
Analog
1 x 0/4 to 20 mA, passive,
potentially isolated from
one another and from the
sensor inputs
Outputs
Digital
16x0/24 VDC, 0.5 mA per
output
Analog
1 or 5 x 0/4 to 20 mA,
active, galvanically isolated
from each other and from
the sensor circuits
Fieldbuses
• EtherNet/IP via
Modbus TCP/
EtherNet/IP coupler
• PROFIBUS DP via
Modbus TCP/Profibus
DP coupler
• PROFINET via Modbus
TCP/PROFINET coupler
• Modbus TCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com