Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC90 Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 6Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 7Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 8Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 9Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 10Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 11Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 12Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 13Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Liquiline Control CDC90
10
Endress+Hauser
Communication and data
processing
Types of communication
Several digital communication protocols are available to enable the Liquiline Control CDC90 to be
integrated into a customer's digital infrastructure (process control system).
The data connection is established and managed exclusively via the internal controller of the CDC90,
and not via the fieldbus module of the integrated Liquiline transmitter.
Additional Special Documentation is available for the integration process. However, if analog signals
are used (current inputs/outputs), the current input and output modules of the Liquiline transmitter
act as the interface to the customer's control system / PCS. Output 1:2 on the base module and input
4:2 on the AI module are preconfigured. Only the current outputs on the 4 AO module need to be
configured for measured value transmission.
Liquiline Control CDC90 has an internal communication process via Modbus, which is designed
exclusively to ensure safe and reliable processing and the trouble-free operation of the device. These
communication processes are not designed for external communication with the customer.
Therefore, with the exception of the Liquiline transmitter's web server functionality, do not connect
the interfaces of the transmitter to other interfaces.
You can choose from the following communication options in the CDC90 control unit:
• Analog current output, current signals (4 to 20 mA)
Via AO modules in the CDC90 control unit. The settings can be made via the web server or local
display.
Power transmission is via the current input/output modules of the CDC90 control unit. The input/
outputs are already preconfigured.
• EtherNet/IP (adapter)
• PROFIBUS DP (slave)
• Modbus TCP (server)
• PROFINET (device)
More detailed information on fieldbus communication is provided on the product pages on the
Internet:
• EtherNet/IP (adapter) via Modbus TCP - EtherNet/IP gateway: BA02241C
• Modbus TCP (server): BA02238C
• PROFIBUS DP (slave) via Modbus TCP - PROFIBUS DP gateway. BA02239C
• PROFINET (device) via Modbus TCP - PROFINET gateway: BA02240C
Dependability
Reliability
• Level and consumption indicator
The level and amount of buffer or cleaning solution are displayed.
• Information about the current program step
Transparent status indication with time information
• Sensor verification
Sensor accuracy is verified. If a tolerance range is exceeded during calibration, Liquiline Control
rejects the calibration values. Therefore you are guaranteed that your measured value is always
accurate.
• Seal condition monitoring
Monitoring of the seals on the assembly, pumps, water valve and additional valves. With this
function, the system can predict when the assembly will require new sealing rings.
• System pressure monitoring to activate the assembly and pumps. If the pressure drops below the
minimum level, the system signals an alarm.
Memosens MEMO SENS
Memosens makes your measuring point safer and more reliable:
• Non-contact, digital signal transmission enables optimum galvanic isolation
• Completely watertight
• Sensor can be calibrated in a lab, thus increasing the availability of the measuring point in the
process
• Maintenance thanks to recording of sensor data, e.g.:
Total hours of operation
Input
Measured variables
→ Documentation of the connected sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com