Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD134 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 17Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Smartec CLD134
Endress+Hauser
13
Environment
Ambient temperature
Compact version or electronics housing:
0 to +55 °C (32 to +131 °F)
Sensor (remote version):
-20 to +60 °C (-4 to +140 °F)
Ambient temperature limits
–10 to +70 °C (14 to +158 °F) (remote version) and separate transmitter
–10 to +55 °C (14 to +131 °F) (compact version)
See also graphic for "Permitted temperature ranges of Smartec CLD134".
Storage temperature
-25 to +70 °C (-13 to +158 °F)
Electromagnetic
compatibility
Interference emission and interference immunity as per EN 61326-1:2006, EN 61326-2-3:2006
Degree of protection
IP67/Type 4
Relative humidity
10 to 95 %, non-condensating
Vibration resistance as per
IEC 60770-1 and IEC
61298-3
Oscillation frequency:
10 to 500 Hz
Deflection (peak value):
0.15 mm
Acceleration (peak value):
19.6 m/s2 (64.3 ft/s2)
Display window shock
resistance
9 J
Process
Process temperature
CLS54 sensor with:
Remote version:
max. 125 °C (257 °F) at 70 °C (158 °F) ambient temperature
Compact version:
max. 125 °C (257 °F) at 35 °C (95 °F) ambient temperature
max. 55 °C (131 °F) at 55 °C ambient temperature
Sterilization
CLS54 sensor with:
Remote version:
150 °C (302 °F) at 60 °C (140 °F) ambient temperature, 6 bar (87 psi), abs,
max. 60 min
Compact version:
150 °C (302 °F) at 35 °C (95 °F) ambient temperature, 6 bar (87 psi), abs, max.
60 min
Absolute process pressure
13 bar (188.5 psi), abs to up to 90 °C (194 °F)
9 bar (130.5 psi), abs at 125 °C (257 °F)
1 to 6 bar (14.5 to 87 psi), abs in CRN environment (tested with 51 bar (739.5 psi), abs)
Negative pressure to 0.1 bar (1.45 psi) absolute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com