Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD134 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CLD134 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Smartec CLD134
2
Endress+Hauser
Function and system design
Measuring principle
Inductive conductivity measurement
An oscillator (1) generates an alternating magnetic field in the primary coil (2), which induces a
current flow (3) in the medium. The strength of the current depends on the conductivity and thus on
the ion concentration in the medium. The current flow in the medium, in turn, generates a magnetic
field in the secondary coil (4). The resulting induced current is measured by the receiver (5) and used
to determine the conductivity.
1
5
4
3
2
A0004894
 1
Inductive conductivity measurement
1
Oscillator
2
Primary coil
3
Current flow in the medium
4
Secondary coil
5
Receiver
Advantages of inductive conductivity measurement:
• No electrodes and therefore no polarization effects
• Accurate measurement in media with a high degree of pollution and a tendency to form buildup
• Complete galvanic isolation of the measurement and the medium
Important features of the
Smartec CLD134
• Hygiene
The injection-molded PEEK sensor offers outstanding chemical, mechanical and thermal
resistance and is hygienically safe thanks to its seamless, crevice-free design. As only virgin PEEK
is in contact with the medium, highest biological safety for the food, beverage and pharmaceutical
sectors is guaranteed. The sensor has been designed according to the latest guidelines of the
American Society of Mechanical Engineers - Bioprocessing Equipment (ASME BPE) and meets the
requirements of EC Regulation No. 1935/2004 of the European Parliament on materials and
articles intended to come into contact with food.
• Certified hygiene
The sensor has all the necessary listings and approvals for the hygiene sector, such as exclusive
use of FDA-listed materials for surfaces in contact with medium and certification according to 3-A
standards. With regard to in-place cleanability, the CLS54 sensor is certified by the European
Hygienic Engineering & Design Group (EHEDG). A certificate for biological reactivity testing
according to USP part <87> and <88> class VI including lot number tracking back to compounding
is also available as an option.
• Process connections
The sensor is available with all the process connections commonly used in hygienic applications.
The most common connections can be supplied as standard. Other process connections can be
ordered as a custom-made product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com