Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS71D Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CPS71D
Description  pH single-rod measuring cells, analog or with digital Memosens technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS71D Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CPS71D Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ceragel CPS71D and CPS71
Endress+Hauser
3
Communication and data processing CPS71D
Communication with the transmitter
Always connect digital sensors with Memosens technology to a transmitter with Memosens
technology. Data transmission to a transmitter for analog sensors is not possible.
Digital sensors can store measuring system data in the sensor. These include the following:
• Manufacturer data
– Serial number
– Order code
– Date of manufacture
• Calibration data
– Calibration date
– Slope at 25 °C (77 °F)
– Zero point at 25 °C (77 °F)
– Temperature offset
– Number of calibrations
– Serial number of the transmitter used to perform the last calibration
• Operating data
– Temperature application range
– pH application range
– Date of initial commissioning
– Maximum temperature value
– Hours of operation under extreme conditions
– Number of sterilizations
– Resistance of glass membrane
You can display the abovementioned data using the Liquiline CM44x, CM42 and Memobase Plus
CYZ71D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com