Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS72 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CPS72
Description  ORP electrodes, analog and digital with Memosens technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS72 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CPS72 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CPS72/CPS72D
2
Function and system design
Measuring principle
ORP measurement
The oxidation-reduction potential is an indicator of the equilibrium between oxidizing and reducing
substances in the medium. The oxidation-reduction potential is measured with a gold or platinum
electrode instead of the pH-sensitive glass membrane. As in the case of pH measurement, an
integrated Ag/AgCl reference system is used as the reference electrode.
General characteristics
• Short response times
The ceramic junction allows sufficiently fast diffusion of the medium, thereby enabling short
response times.
• Long service life
Use of an ion trap as standard ensures that the reference is protected against poisoning, results in a
significantly longer service life and guarantees immunity to temperature and pressure fluctuations.
The ion trap also effectively prevents the diffusion of silver ions into the bridging electrolyte.
Communication and data
processing CPS72D
Measuring system data which digital sensors can save in the sensor include:
• Manufacturer data
– Serial number
–Order code
–Date of manufacture
• Calibration data
– Date of calibration
– Calibrated offset ("mV" measuring mode)
– % slope ("%" measuring mode)
– Number of calibrations
– Serial number of the transmitter used to perform the last calibration
• Operating data
– Temperature application range
– ORP area of application
– Date of initial commissioning
–Operating hours
You can display the data listed above using the Liquiline CM44x or Liquiline M CM42 transmitter.
CPS72D dependability
Maximum process safety
With its inductive transmission of the measured value via a non-contact plug-in connection,
Memosens guarantees maximum process safety and offers the following advantages:
• All problems caused by moisture are eliminated:
– The plug-in connection is free from corrosion
– Moisture cannot corrupt the measured value
– Plug-in system can even be connected under water
• The transmitter is galvanically decoupled from the medium.
This means there is no need to choose between "symmetrical high-impedance" or "unsymmetrical"
solutions and impedance converters when it comes to pH/ORP measurement.
• EMC safety is guaranteed by screening measures in the digital measured value transmission.
• Can easily be used in hazardous areas thanks to intrinsically safe electronics.
Memosens technology digitizes the measured values in the sensor and transmits them to the
transmitter via a non-contact connection in a way that is free from any potential interference. The
result:
• Automatic error message generation if the sensor fails or the connection between sensor and
transmitter is interrupted
• Immediate error detection increases measuring point availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com