Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS72 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CPS72
Description  ORP electrodes, analog and digital with Memosens technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS72 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CPS72 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CPS72/CPS72D
3
Ease of use
Sensors with Memosens technology have integrated electronics that save calibration data and other
information, such as total hours of operation and operating hours at very high temperatures etc. When
the sensor is mounted, the sensor data are automatically sent to the transmitter and used to calculate
the current ORP potential.
Saving the calibration data makes it possible to calibrate and adjust the sensor irrespective of the
measuring point. The result:
• Convenient calibration in the measuring lab under optimum external conditions improves the
quality of the calibration.
• Measuring point availability is dramatically increased by the quick and easy replacement of
precalibrated sensors.
• Installing the transmitter in the measuring container with integrated measuring devices reduces the
amount of fastening material and cabling work required.
• The availability of the sensor data makes it possible to accurately determine the maintenance
intervals of the measuring point and enables predictive maintenance.
• The sensor history can be documented with external storage media and evaluation programs. The
sensor's field of application can be determined based on its previous history.
Communication with the transmitter
Always connect digital sensors with Memosens technology to a transmitter with Memosens
technology. It is not possible to transfer data to a transmitter for analog sensors.
Measuring system
A complete measuring system comprises:
• ORP electrode CPS72 or CPS72D
• Transmitter, e.g. Liquiline CM42 or Liquiline CM44x (for CPS72D with Memosens technology)
• Special measuring cable. e.g. CPK9 or Memosens data cable CYK10 for CPS72D
• Immersion, flow or retractable assembly, e.g. Cleanfit H CPA475
a0003706
Fig. 1:
Measuring system for ORP measurement
1
Process assembly Cleanfit H CPA475
2
ORP electrode CPS72 / CPS72D
3
Special measuring cable CPK9 (for electrodes with TOP68 plug-in head) / CYK10 for digital sensors
4
Liquiline CM42 transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com