Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL12 Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # STL12
Description  600W Outdoor UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

STL12 Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  STL12 Datasheet HTML 1Page - Tycon Systems, Inc. STL12 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600W Outdoor UPS Systems
Features
• Weatherproof (IP65), UV resistant, outdoor enclosures
• Powered from AC mains power and/or Solar
• Interior space for customer electronics
• Wall or Pole Mounting
• Isolates Customer Equipment from Power Line Surges
• High Quality AGM Sealed Lead Acid Batteries
• Advanced battery charge controller protects against
overcharge and over discharge
Applications
• Wireless Base Stations and Clients
• Surveillance Cameras
• Wireless Bridge and Repeaters
• Remote Sensors
• Mission critical outdoor power
• Backup Power Systems
Description
The UPSPro® STL12/24-600W series outdoor enclosures are designed for
applications that require a backup power source in order to maintain uninterrupted
service to customers. The enclosure is powered from 120/240VAC. It is also solar
ready so a solar panel can be added as an alternate power source or to extend
backup time.
Features include an advanced manageable MPPT battery charge controller to
protect against over-charging or over-discharging of the valve regulated sealed lead
acid AGM batteries. The charge controller displays battery level, charging current,
temperature and load current on its embedded LCD display. Charging parameters
can be customized in the field if required.
Enclosures have multiple ports for CAT5 cable, antenna cables/connectors or other cabling.
They have a 12/24VDC thermostatically controlled ventilation fan which turns on automatically when the inside
temperature exceeds 40°C.
There is some space inside the enclosures for customer electronics such as controllers, wireless AP or CPE cards,
sensors, inverters, etc. There is a 1U rack mount feature in the enclosure for rack mounting. Equipment runs on
battery power which isolates it from power line surges which is a main cause of outdoor equipment failure.
Systems can be configured for 12V or 24V for added flexibility. Various battery storage capacities are available.
These systems are ideal for powering security cameras 24/7 from lighting systems where grid power is only available
at night. Additional AC inputs such as 277VAC or 480VAC can be adapted by using standard AC transformers.
Consult you electrician.
DATA SHEET
UPSPro® STL12/24
Series
Enclosure shows 4 batteries with room for four
more on the top row for the bigger powered
systems.
UPSPro® STL12/24-
600W
Steel Enclosure


Similar Part No. - STL12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL120N10F8 STMICROELECTRONICS-STL120N10F8 Datasheet
633Kb / 15P
N‑channel enhancement mode standard level 100 V, 4.6 mΩ max., 125 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jan-2023
STL120N2VH5 STMICROELECTRONICS-STL120N2VH5 Datasheet
655Kb / 18P
N-channel 20 V, 0.002, 28 A STripFET V Power MOSFET in PowerFLAT 5x6 package
01-Mar-2012
STL120N4F6AG STMICROELECTRONICS-STL120N4F6AG Datasheet
971Kb / 15P
Wettable flank package
09-Mar-2017
STL120N4LF6AG STMICROELECTRONICS-STL120N4LF6AG Datasheet
935Kb / 14P
High avalanche ruggedness
September 2015 Rev 1
STL120N8F7 STMICROELECTRONICS-STL120N8F7 Datasheet
780Kb / 14P
High avalanche ruggedness
27-Jul-2015
More results

Similar Description - STL12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
2-9USTAND ETC2-2-9USTAND Datasheet
483Kb / 3P
Enables Tower Placement of Rackmount UPS Systems
SMART750RM1U ETC2-SMART750RM1U Datasheet
486Kb / 6P
SmartPro .75kVA 600W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB
logo
Tripp Lite. All Rights ...
SU120KXNP TRIPPLITE-SU120KXNP Datasheet
480Kb / 2P
Empty UPS Chassis for Tripp Lite SU80KX2,SU100KX2 and SU120KX2 UPS Systems
logo
List of Unclassifed Man...
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
600W600W Mini Redundant Power Supply
logo
Tripp Lite. All Rights ...
RBC1500 TRIPPLITE-RBC1500 Datasheet
158Kb / 2P
UPS Battery Replacement for Select SMART1200LCD, SMART1500LCD, SMART1500LCDXL, SMX1500LCD UPS Systems
RBC36H TRIPPLITE-RBC36H Datasheet
197Kb / 2P
UPS Replacement Battery Cartridge for Select Tripp Lite AVR550U/AVRX550U UPS Systems, 12V
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Tripp Lite. All Rights ...
WEBCARDLXE TRIPPLITE-WEBCARDLXE Datasheet
44Kb / 2P
WEBCARDLXE Network Management Card for Select UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com