Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL12 Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # STL12
Description  600W Outdoor UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

STL12 Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  STL12 Datasheet HTML 1Page - Tycon Systems, Inc. STL12 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UPSPro® STL12/24-600W Series
UPSPro
® STL12_24-600W Series Spec Rev 1 10-Jan-24
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
Model #
Enclosure Type
Battery Voltage
Battery Capacity
(@ 12V)
Total Watt Hours
Storage Capacity
Total Power
UPS-STL12/24-100-600
Powder Coat Steel
12/24VDC
100Ah
1200
600W
UPS-STL12/24-200-600
Powder Coat Steel
12/24VDC
200Ah
2400
600W
UPS-STL12/24-400-600
Powder Coat Steel
12/24VDC
400Ah
4800
600W
For further information contact:
UPS-STL12/24-100-
600
UPS-STL12/24-200-
600
UPS-STL12/24-400-
600
Battery Voltage (DC)
12/24VDC
Input Voltage (AC)
120/240VAC, 50/60Hz, 5A Max.
Capacities (Amp Hr) @ 12V
100Ah (2 batteries)
200Ah (4 batteries)
400Ah (8 batteries)
Storage Capacity (Watt Hr)
1200Wh
2400Wh
4800Wh
Max Output Power
600W
Suggested Maximum Load
240W @ 12VDC or 450W @ 24VDC
Maximum Instantaneous Load
20A 500msec
Battery Type
Valve Regulated Sealed Lead Acid / Absorbent Glass Mat (AGM)
Battery Life
5 Years
Battery Cable Fuse
6 x 32mm Ceramic 30A 250V
Controller Type
40A MPPT Solar Controller with Status Display and 20A Load with on/off switch
Maximum Solar Panel Size
520W @ 12V Battery Config, 1040W @ 24V Battery Config
Controller Display Status
Battery Voltage, Charging Voltage, Charging Current, Load Current, Temperature
Bulk Charge
14.4V / 28.8V
Float Charge
13.8V / 27.6V
Over-discharge protection
11V / 22V
Over-discharge recovery voltage
12.6V / 25.2V
Controller Self Consumption
<1W
Enclosure Type
Powder Coated Steel
– Pole/Wall Mount
Enclosure External Size
24.1 x 24.1 x 17.5" (612.5 x 612.5 x 445.6mm)
Enclosure Internal Size
23.9 x 23.9 x 16.1" (608 x 608 x 409.5mm)
Operating Temperature
-30°C to +60°C (-22°F to 140°F)
System Weight (without batteries)
75lb (34kg)
Battery Weight (each)
37lb (17kg)
Certifications
Individual components used have CE Certifications. Batteries have CE and UL.
Warranty
3 Years
Tyconsystems.com
14641 S 800 W Suite A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
To calculate run time:
Battery Capacity (Ah) / 2 / Load Amps = Estimated Run Time in Hours ---OR---
Storage Capacity (Wh) / 2 / Load Watts = Estimated Run Time in Hours.
Example: Estimated load = 50W and Storage Capacity is 1200Wh.
1200 / 2 / 50 = 12hrs run time.
Note: We divide by 2
because we don’t want to discharge the battery more than 50% in order to extend its life.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com