Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB30MUX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSUSB30MUX
Description  Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30MUX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSUSB30MUX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 9Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.5
6
Typical Characteristics
Figure 1. Gain vs. Frequency
Figure 2. Off Isolation
Figure 3. Crosstalk
Frequency Response
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10
100
1000
10000
Frequency (MHz)
CL = 0pF, VCC = 3.3V
Frequency (MHz)
Frequency Response
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
Frequency (MHz)
Frequency Response
1
10
100
1000
VCC = 3.3V
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com