Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB30MUX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB30MUX
Description  Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30MUX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB30MUX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.5
January 2007
Click to see this datasheet
in Simplified Chinese!
FSUSB30
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
Features
■ Low On Capacitance, 3.7pF (typical)
■ Low On Resistance, 6.5Ohm (typical)
■ Low power consumption (1µA maximum)
– 10µA maximum ICCT over an expanded control
voltage range (VIN = 2.6V, VCC = 4.3V)
■ Wide -3dB bandwidth, >720MHz
■ 8KV ESD protection
■ Power-Off protection when VCC = 0V; D+/D- pins can
tolerate up to 5.25V
■ Packaged in:
– Pb-Free 10-lead MicroPak™ (1.6 x 2.1mm)
– Pb-Free 14-lead DQFN
– Pb-Free 10-lead MSOP
– Pb-Free 10-lead UMLP (1.4 x 1.8mm)
Applications
■ Cell phone, PDA, Digital Camera, and Notebook LCD
Monitor, TV, and Set-top Box
Related Application Notes
■ AN-6022 Using the FSUSB30 / FSUSB31 to Comply
with USB 2.0 Fault Condition Requirements
General Description
The FSUSB30 is a low-power, two-port, high-speed USB
2.0 switch. Configured as a double-pole double-throw
(DPDT) switch, it is optimized for switching between two
high-speed (480Mbps) sources or a Hi-Speed and Full-
Speed (12Mbps) source. The FSUSB30 is compatible
with the requirements of USB2.0 and features an
extremely low on capacitance (CON) of 3.7pF. The wide
bandwidth of this device (720MHz), exceeds the band-
width needed to pass the third harmonic, resulting in sig-
nals with minimum edge and phase distortion. Superior
channel-to-channel crosstalk minimizes interference.
The FSUSB30 contains special circuitry on the D+/ D-
pins which allows the device to withstand an overvoltage
condition when powered off. This device is also designed
to minimize current consumption even when the control
voltage applied to the S pin, is lower than the supply volt-
age (VCC). This feature is especially valuable to ultra-
portable applications such as cell phones, allowing for
direct interface with the general purpose I/Os of the
baseband processor. Other applications include switch-
ing and connector sharing in portable cell phones, PDAs,
digital cameras, printers, and notebook computers.
Ordering Information
Pb-Free package per JEDEC J-STD-020B.
Application Diagram
Order
Number
Package
Number
Product Code
Top Mark
Pb-Free
Package Description
FSUSB30L10X
MAC010A
FJ
Yes
10-Lead MicroPak, 1.6 x 2.1mm
FSUSB30BQX
MLP014A
USB30
Yes
14-Terminal Depopulated Quad Very-Thin Flat Pack
No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm
FSUSB30MUX
MUA10A
FSUSB30
Yes
10-Lead Molded Small Outline Package (MSOP),
JEDEC MO-187, 3.0mm Wide
FSUSB30UMX
MLP010A
GJ
Yes
10-Lead, Quad, Ultrathin, MLP (UMLP) 1.4 x 1.8mm
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
USB2.0
Controller
Set Top Box
(STB) CPU
or
DSP
Processor
DVR or
Mass Storage
Controller
1D+
VCC
1D–
2D+
2D–
USB
Connector
FSUSB30
D+
D–
S
OE
Control


Similar Part No. - FSUSB30MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30MUX FAIRCHILD-FSUSB30MUX Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30MUX FAIRCHILD-FSUSB30MUX Datasheet
1Mb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30MUX ONSEMI-FSUSB30MUX Datasheet
750Kb / 19P
Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
TECH PUBLIC Electronics...
FSUSB30MUX-TP TECHPUBLIC-FSUSB30MUX-TP Datasheet
3Mb / 7P
Dual 2:1 USB2.0 Mux/De-Mux with DC 30V Over-Voltage Protection
logo
Fairchild Semiconductor
FSUSB30MUX FAIRCHILD-FSUSB30MUX_12 Datasheet
739Kb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com